Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXI848A Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXI848A
Description  High-Side Current Monitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXI848A Datasheet(HTML) 2 Page - IXYS Corporation

  IXI848A Datasheet HTML 1Page - IXYS Corporation IXI848A Datasheet HTML 2Page - IXYS Corporation IXI848A Datasheet HTML 3Page - IXYS Corporation IXI848A Datasheet HTML 4Page - IXYS Corporation IXI848A Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS
www.ixys.com
2
08/01/05
IXI848A
Absolute Maximum Ratings
Parameter
Rating
Voltage to IN (pin 4)
-0.3V to +65V
Differential Input Voltage (VSENSE)
±0.4V
Input Current to any pin
±10mA
Operating Ambient Temp Range
-40°C to +85°C
Operating Junction Temp Range
-40°C to +125°C
θJA
150°C/W
θJC
40°C/W
Storage Temp Range
-65°C to +150°C
Lead Temperature (Soldering, 10 sec)
+300°C
Absolute Maximum Ratings are stress ratings.
Stresses in excess of these ratings can cause
permanent
damage
to
the
device.
Functional
operation of the device at these or any other
conditions beyond those indicated in the operational
sections of this data sheet is not implied. Exposure
of the device to the absolute maximum ratings for
an extended period may degrade the device and
affect its reliability.
ESD Warning
ESD (electrostatic discharge) sensitive device. Although the IXI848A feature proprietary ESD protection circuitry, permanent damage
may be sustained if subjected to high energy electrostatic discharges. Proper ESD precautions are recommended to avoid
performance degradation or loss of functionality.
Electrical Characteristics
TA = 25°C, VIN = 2.7V to 40V, unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Voltage
Range
VIN
2.7
60
V
Supply Current
IIN
VIN = 20V, VSENSE = 0V, ILOAD = 0A
.065
.130
mA
Full Scale Sense
Voltage
VSENSE
150
mV
Input Offset
Voltage
VOS
VIN = 12V
-2.0
±0.5
2.0
mV
Full Scale
Accuracy
VSENSE = 100mV, VIN = 12V
TA = +25°C
±0.7
%
TA = +25°C
±0.7
VSENSE = 100mV
VIN = 12V
∆ @ TA = -40° to +85°C
±0.3
%
TA = +25°C
±0.8
Total OUT Voltage
Error
(Note 1, Note 2)
VSENSE = 100mV
VIN = 40V
∆ @ TA = -40° to +85°C
±0.4
%
TA = +25°C
±0.5
Gain Accuracy
(Note 2)
VSENSE = 20mV
to 100mV
VIN = 12V, 40V
∆ @ TA = -40° to +85°C
±0.1
%
Gain = 10V/V
23
33
43
kΩ
Gain Setting
Resistance
RG
VIN = 12V
VSENSE = 100mV
Gain = 50V/V
115
165
215
kΩ
Note 1: Total OUT voltage error is the sum of gain and offset voltage errors.
Note 2: Production Tested at TA =25°C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com