Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXS839 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXS839
Description  Synchronous Buck MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXS839 Datasheet(HTML) 4 Page - IXYS Corporation

  IXS839 Datasheet HTML 1Page - IXYS Corporation IXS839 Datasheet HTML 2Page - IXYS Corporation IXS839 Datasheet HTML 3Page - IXYS Corporation IXS839 Datasheet HTML 4Page - IXYS Corporation IXS839 Datasheet HTML 5Page - IXYS Corporation IXS839 Datasheet HTML 6Page - IXYS Corporation IXS839 Datasheet HTML 7Page - IXYS Corporation IXS839 Datasheet HTML 8Page - IXYS Corporation IXS839 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IXYS
4
IXS839 / IXS839A / IXS839B
Electrical Characteristics
Power Supply Terminals
TA = -40°C to 85°C, VDD = 5V, 4V < VBST < 26V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Analog Supply
Voltage Range
VDD
VDD
4.5
5.5
V
High Gate Driver
Supply Voltage Range
VBST - VSW
4.5
5.5
V
Low Gate Driver
Supply Voltage Range
VDD - VPGND
4.5
5.5
V
Floating Supply
Voltage Range
VSW - VPGDN
0.0
24.0
V
Analog Supply
Current
IDD
Normal Mode
PWM = VPGND
2
4
mA
IXS839/839B
0.5
1
High Gate Driver
Supply Current
IBST
Normal Mode
PWM = VPGND
IXS839A
1.5
mA
IXS839/839B
10
Analog Supply
Current
IDD_Shutdown
Shut Down Mode, LSD = VDD,
SD
= PWM = VPGND
IXS839A
50
µA
High Gate Driver
Supply Current
IBST_Shutdown
Shut Down Mode
LSD = PWM = VPGND
<1
10
µA
Digital Input Terminals
TA = -40°C to 85°C, VDD = 5V, 4V < VBST < 26V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Leakage Current
IIN
PWM = VPGND
LSD = SD = VDD
-1
1
µA
Input pull-down Current
PWM = VDD
2
10
100
µA
Input pull-up Current
__
SD = VPGND
-2
-10
-100
µA
Input pull-up Current
___
LSD = VPGND
-2
-10
-100
µA
Minimum High Level
Input Voltage
VIH
2.0
V
Maximum Low Level
Input Voltage
VIL
0.8
V
UVLO Circuit
TA = -40°C to 85°C, VDD = 5V, 4V < VBST < 26V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VDD Rising Threshold
UVOLRISE
4.2
4.4
4.5
V
VDD Falling Threshold
UVOLFALL
3.9
4.25
4.5
V
Delay Circuit
TA = -40°C to 85°C, VDD = 5V, 4V < VBST < 26V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Upper Gate-Driver Turn
on Delay Time with
respect to external delay
capacitor
tDLY
Capacitor CDLY(pF) from DLY
pin to PGND
0.5
nS/pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com