Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDF504D1 Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXDF504D1
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDF504D1 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IXDF504D1 Datasheet HTML 3Page - IXYS Corporation IXDF504D1 Datasheet HTML 4Page - IXYS Corporation IXDF504D1 Datasheet HTML 5Page - IXYS Corporation IXDF504D1 Datasheet HTML 6Page - IXYS Corporation IXDF504D1 Datasheet HTML 7Page - IXYS Corporation IXDF504D1 Datasheet HTML 8Page - IXYS Corporation IXDF504D1 Datasheet HTML 9Page - IXYS Corporation IXDF504D1 Datasheet HTML 10Page - IXYS Corporation IXDF504D1 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
IXDF504 / IXDI504 / IXDN504
Fig. 12
Fig. 14
Fig. 16
Fig. 11
Fig. 13
Fig. 15
Propagation Delay vs. Supply Voltage
Rising Input, CLOAD = 1000pF
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
Supply Voltage (V)
Propagation Delay vs. Supply Voltage
Falling Input, CLOAD = 1000pF
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
35
Supply Voltage (V)
Input Threshold Levels vs. Temperature
VSUPPLY = 15V
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
150
Temperature (C)
Positive going input
Negative going input
Propagation Delay vs. Temperature
VSUPPLY = 15V CLOAD = 1000pF
0
5
10
15
20
25
30
35
-50
0
50
100
150
Temeprature (C)
Positve going input
Negative going input
Quiescent Current vs. Supply Voltage
VIN = 0V
0.01
0.1
1
10
0
5
10
15
20
25
30
35
Supply Voltage (V)
Quiescent Current vs. Temperature
VSUPPLY= 15V
0.01
0.1
1
10
100
1000
-50
-30
-10
10
30
50
70
90
110
130
150
Temperature (C)
Non-inverting, Input= "0"
InvertingInput = "1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com