Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI509D1 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXDI509D1
Description  9 Ampere Low-Side Ultrafast MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI509D1 Datasheet(HTML) 5 Page - IXYS Corporation

  IXDI509D1 Datasheet HTML 1Page - IXYS Corporation IXDI509D1 Datasheet HTML 2Page - IXYS Corporation IXDI509D1 Datasheet HTML 3Page - IXYS Corporation IXDI509D1 Datasheet HTML 4Page - IXYS Corporation IXDI509D1 Datasheet HTML 5Page - IXYS Corporation IXDI509D1 Datasheet HTML 6Page - IXYS Corporation IXDI509D1 Datasheet HTML 7Page - IXYS Corporation IXDI509D1 Datasheet HTML 8Page - IXYS Corporation IXDI509D1 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
IXDI509 / IXDN509
PIN
SYMBOL
FUNCTION
DESCRIPTION
1, 8
VCC
Supply Voltage
Power supply input voltage. These pins provide power to the
entire device. The range for this voltage is 4.5V to 30V.
2
IN
Input
Input drive signal, TTL or CMOS compatible.
6, 7
OUT
Output
Driver output. For application purposes, these pins are
connected, through a resistor, to the gate of a MOSFET/IGBT.
4, 6
GND
Ground
The device ground pins. Internally connected to all circuitry,
these pins provide ground reference for the entire chip and
should be connected to a low noise analog ground plane for
optimum performance.
Pin Description
CAUTION: Follow proper ESD procedures when handling and assembling this component.
Figure 3 - Characteristics Test Diagram
0V
5.0V
0V
Vcc
IXDI414
IXDN414
0V
Vcc
Agilent 1147A
Current Probe
15nF
10uF
25V
IXDI509
IXDN509
2500 pf
C
LOAD
Pin Configurations
NOTE: Solder tabs on bottom of DFN packages are grounded
8 PIN DIP (PI)
8 PIN SOIC (SIA)
V
CC
IN
N/C
GND
V
CC
OUT
OUT
1
2
3
4
8
7
6
5
I
X
D
I
5
0
9
GND
8 PIN DIP (PI)
8 PIN SOIC (SIA)
V
CC
IN
N/C
GND
V
CC
OUT
OUT
1
2
3
4
8
7
6
5
I
X
D
N
5
0
9
GND
6 LEAD DFN (D1)
(Bottom View)
IN
N/C
GND
V
CC
GND
OUT
1
2
3
6
5
4
I
X
D
N
5
0
9
6 LEAD DFN (D1)
(Bottom View)
IN
N/C
GND
V
CC
GND
OUT
1
2
3
6
5
4
I
X
D
I
5
0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com