Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI504SIA Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXDI504SIA
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI504SIA Datasheet(HTML) 5 Page - IXYS Corporation

  IXDI504SIA Datasheet HTML 1Page - IXYS Corporation IXDI504SIA Datasheet HTML 2Page - IXYS Corporation IXDI504SIA Datasheet HTML 3Page - IXYS Corporation IXDI504SIA Datasheet HTML 4Page - IXYS Corporation IXDI504SIA Datasheet HTML 5Page - IXYS Corporation IXDI504SIA Datasheet HTML 6Page - IXYS Corporation IXDI504SIA Datasheet HTML 7Page - IXYS Corporation IXDI504SIA Datasheet HTML 8Page - IXYS Corporation IXDI504SIA Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
IXDF504 / IXDI504 / IXDN504
SYMBOL
FUNCTION
DESCRIPTION
IN A
A Channel Input
A channel input signal-TTL or CMOS compatible.
GND
Ground
The system ground pin. Internally connected to all circuitry, this pin provides
ground reference for the entire device. This pin should be connected to a
low noise analog ground plane for optimum performance.
IN B
B Channel Input
B channel input signal-TTL or CMOS compatible.
OUT B
B Channel Output
B channel driver output. For application purposes, this pin is connected via a
resistor to the gate of a MOSFET/IGBT.
VCC
Supply Voltage
Positive power-supply voltage input. This pin provides power to the entire
device. The range for this voltage is from 4.5V to 30V.
OUT A
A Channel Output
A channel criver output. For application purposes, this pin is connected via a
resistor to the gate of a MOSFET/IGBT.
Pin Description
Figure 4 - Characteristics Test Diagram
CAUTION: Follow proper ESD procedures when handling and assembling this component.
1
2
3
4
5
6
7
8
NC
NC
In A
Gnd
In B
Out B
Vcc
Out A
10uF
Vcc
C
LOAD
Agilent 1147A
Current Probe
Agilent 1147A
Current Probe
C
LOAD
0.01uF
IXD_504
1
2
3
4
5
6
7
8
IN A
GND
INB
OUT A
V
S
OUT B
NC
NC
8 Lead PDIP (PI)
8 Pin SOIC (SI)
IXDN402
1
2
3
4
5
6
7
8
IN A
GND
INB
OUT A
V
S
OUT B
NC
NC
8 Lead PDIP (PI)
8 Pin SOIC (SI)
IXDI402
1
2
3
4
5
6
7
8
IN A
GND
INB
OUT A
V
S
OUT B
NC
NC
8 Lead PDIP (PI)
8 Pin SOIC (SI)
IXDF402
IXDN504
IXDI504
IXDF504
(SIA)
(SIA)
(SIA)
1
2
3
4
5
6
GND
IN A
IN B
OUT A
OUT B
Vcc
6 Lead DFN (D1)
6 Lead DFN (D1)
6 Lead DFN (D1)
(Bottom View)
1
2
3
4
5
6
IN A
IN B
OUT A
GND
OUT B
Vcc
1
2
3
4
5
6
OUT B
Vcc
IN A
GND
IN B
OUT A
IXYS reserves the right to change limits, test conditions, and dimensions.
Pin Configurations
NOTE: Solder tabs on bottoms of DFN packages are grounded
(Bottom View)
(Bottom View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com