Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN502PI Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDN502PI
Description  2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN502PI Datasheet(HTML) 1 Page - IXYS Corporation

  IXDN502PI Datasheet HTML 1Page - IXYS Corporation IXDN502PI Datasheet HTML 2Page - IXYS Corporation IXDN502PI Datasheet HTML 3Page - IXYS Corporation IXDN502PI Datasheet HTML 4Page - IXYS Corporation IXDN502PI Datasheet HTML 5Page - IXYS Corporation IXDN502PI Datasheet HTML 6Page - IXYS Corporation IXDN502PI Datasheet HTML 7Page - IXYS Corporation IXDN502PI Datasheet HTML 8Page - IXYS Corporation IXDN502PI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
First Release
Features
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes
• Latch-Up Protected up to 2 Amps
• High 2A Peak Output Current
• Wide Operating Range: 4.5V to 30V
• -55°C to +125°C Extended Operating
Temperature
• High Capacitive Load
Drive Capability: 1000pF in <10ns
• Matched Rise And Fall Times
• Low Propagation Delay Time
• Low Output Impedance
• Low Supply Current
• Two Drivers in Single Chip
Applications
• Driving MOSFETs and IGBTs
• Motor Controls
• Line Drivers
• Pulse Generators
• Local Power ON/OFF Switch
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• Pulse Transformer Driver
• Class D Switching Amplifiers
• Power Charge Pumps
General Description
The IXDF502, IXDI502 and IXDN502 each consist of two 2-
Amp CMOS high speed MOSFET Gate Drivers for driving
the latest IXYS MOSFETs & IGBTs. Each of the Dual
Outputs can source and sink 2 Amps of Peak Current while
producing voltage rise and fall times of less than 15ns. The
input of each Driver is TTL or CMOS compatible and is
virtually immune to latch up. Patented* design innovations
eliminate cross conduction and current "shoot-through".
Improved speed and drive capabilities are further enhanced
by very quick & matched rise and fall times.
The IXDF502 is configured with one Gate Driver Inverting
plus one Gate Driver Non-Inverting. The IXDI502 is config-
ured as a Dual Inverting Gate Driver, and the IXDN502 is
configured as a Dual Non-Inverting Gate Driver.
The IXDF502, IXDI502 and IXDN502 are each available in
the 8-Pin P-DIP (PI) package, the 8-Pin SOIC (SIA) pack-
age, and the 6-Lead DFN (D1) package, (which occupies
less than 65% of the board area of the 8-Pin SOIC).
*United States Patent 6,917,227
Ordering Information
Part Number
Description
Package
Type
Packing Style
Pack
Qty
Configuration
IXDF502PI
2A Low Side Gate Driver I.C.
8-Pin PDIP
Tube
50
IXDF502SIA
2A Low Side Gate Driver I.C.
8-Pin SOIC
Tube
94
IXDF502SIAT/R
2A Low Side Gate Driver I.C.
8-Pin SOIC
13” Tape and Reel
2500
IXDF502D1
2A Low Side Gate Driver I.C.
6-Lead DFN
2” x 2” Waffle Pack
56
IXDF502D1T/R
2A Low Side Gate Driver I.C.
6-Lead DFN
13” Tape and Reel
2500
Dual, with one
Driver Inverting
and one Driver
Non-Inverting
IXDI502PI
2A Low Side Gate Driver I.C.
8-Pin PDIP
Tube
50
IXDI502SIA
2A Low Side Gate Driver I.C.
8-Pin SOIC
Tube
94
IXDI502SIAT/R
2A Low Side Gate Driver I.C.
8-Pin SOIC
13” Tape and Reel
2500
IXDI502D1
2A Low Side Gate Driver I.C.
6-Lead DFN
2” x 2” Waffle Pack
56
IXDI502D1T/R
2A Low Side Gate Driver I.C.
6-Lead DFN
13” Tape and Reel
2500
Dual, with both
Drivers
Inverting
IXDN502PI
2A Low Side Gate Driver I.C.
8-Pin PDIP
Tube
50
IXDN502SIA
2A Low Side Gate Driver I.C.
8-Pin SOIC
Tube
94
IXDN502SIAT/R 2A Low Side Gate Driver I.C.
8-Pin SOIC
13” Tape and Reel
2500
IXDN502D1
2A Low Side Gate Driver I.C.
6-Lead DFN
2” x 2” Waffle Pack
56
IXDN502D1T/R
2A Low Side Gate Driver I.C.
6-Lead DFN
13” Tape and Reel
2500
Dual, with both
Drivers Non-
Inverting
DS99573B(03/10)
NOTE: All parts are lead-free and RoHS Compliant
Copyright © 2007 IXYS CORPORATION All rights reserved
IXDF502 / IXDI502 / IXDN502
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers


Similar Part No. - IXDN502PI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN502PI IXYS-IXDN502PI Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results

Similar Description - IXDN502PI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI404 IXYS-IXDI404 Datasheet
246Kb / 10P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402 IXYS-IXDN402 Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXD_604 CLARE-IXD_604 Datasheet
1Mb / 13P
4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN502SIA IXYS-IXDN502SIA Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IX4426 IXYS-IX4426 Datasheet
245Kb / 13P
1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF504 IXYS-IXDF504 Datasheet
415Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDR502 IXYS-IXDR502 Datasheet
216Kb / 11P
2 Ampere Single Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com