Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5683R Datasheet(PDF) 13 Page - Analog Devices

Part # AD5683R
Description  Tiny 16-/14-/12-Bit SPI nanoDAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5683R Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5683R Datasheet HTML 9Page - Analog Devices AD5683R Datasheet HTML 10Page - Analog Devices AD5683R Datasheet HTML 11Page - Analog Devices AD5683R Datasheet HTML 12Page - Analog Devices AD5683R Datasheet HTML 13Page - Analog Devices AD5683R Datasheet HTML 14Page - Analog Devices AD5683R Datasheet HTML 15Page - Analog Devices AD5683R Datasheet HTML 16Page - Analog Devices AD5683R Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
AD5683R/AD5682R/AD5681R/AD5683
Rev. D | Page 13 of 28
0.03
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
–40
0
40
80
TEMPERATURE (°C)
U1_INT
U2_INT
U3_INT
U1_EXT
U2_EXT
U3_EXT
VDD = 5V
GAIN = 1
VREF = 2.5V
Figure 23. Gain Error and Full-Scale Error vs. Temperature
350
0
50
100
150
200
250
300
TEMPERATURE (°C)
105
80
60
40
20
0
–20
–40
U1_INT
U2_INT
U3_INT
U1_EXT
U2_EXT
U3_EXT
VDD = 5V
GAIN = 1
VREF = 2.5V
Figure 24. Zero Code Error and Offset Error vs. Temperature
TEMPERATURE (°C)
60
10
–40
2.495
2.497
2.499
2.501
2.503
2.505
U1
U2
U3
VDD = 5V
Figure 25. Internal Reference Voltage vs. Temperature (Grade B)
2.70
3.30
3.75
4.25
4.75
5.25
5.50
VDD (V)
–0.025
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
0.025
0.030
U1_INT
U2_INT
U3_INT
U1_EXT
U2_EXT
U3_EXT
TA = 25°C
GAIN = 1
VREF = 2.5V
Figure 26. Gain Error and Full-Scale Error vs. Supply
2.70
3.30
3.75
4.25
4.75
5.25
5.50
VDD (V)
0
500
400
300
200
100
U1_INT
U2_INT
U3_INT
U1_EXT
U2_EXT
U3_EXT
TA = 25°C
GAIN = 1
VREF = 2.5V
Figure 27. Zero Code Error and Offset Error vs. Supply
VREF (V)
0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VDD = 5V
TA = 25°C
GAIN = 1
Figure 28. Reference Output Spread



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com