Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5693RARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD5693RARMZ
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5693RARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5693RARMZ Datasheet HTML 11Page - Analog Devices AD5693RARMZ Datasheet HTML 12Page - Analog Devices AD5693RARMZ Datasheet HTML 13Page - Analog Devices AD5693RARMZ Datasheet HTML 14Page - Analog Devices AD5693RARMZ Datasheet HTML 15Page - Analog Devices AD5693RARMZ Datasheet HTML 16Page - Analog Devices AD5693RARMZ Datasheet HTML 17Page - Analog Devices AD5693RARMZ Datasheet HTML 18Page - Analog Devices AD5693RARMZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Data Sheet
AD5693R/AD5692R/AD5691R/AD5693
Rev. D | Page 15 of 26
2.5
5.5
4.5
3.5
VDD (V)
2.49980
2.49985
2.49990
2.49995
2.50000
2.50005
2.50010
2.50015
D11
D12
D13
TA = 25°C
Figure 27. Internal Reference Voltage vs. VDD
CH1 10µV
M1.00s
A CH1
2.00µV
1
T
TA = 25°C
VDD = 5V
Figure 28. Internal Reference Noise, 0.1 Hz to 10 Hz
CH1 10µV
M1.00s
A CH1
2.00µV
1
T
TA = 25°C
VDD = 5V
Figure 29. 0.1 Hz to 10 Hz Output Noise Plot, Internal Reference On
–0.005
–0.003
–0.001
0.001
0.003
0.005
LOAD CURRENT (A)
2.5003
2.5004
2.5005
2.5006
2.5007
2.5008
2.5009
5.5V
5.0V
3.0V
2.7V
TA = 25°C
Figure 30. Internal Reference Voltage vs. Load Current
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
0
200
400
600
800
1000
1200
1400
1600
1800
VDD = 5V
TA = 25°C
Figure 31. Internal Reference Noise Spectral Density vs. Frequency
CH1 10µV
M1.00s
A CH1
2.00µV
1
T
TA = 25°C
VDD = 5V
Figure 32. 0.1 Hz to 10 Hz Output Noise Plot, External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com