Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5767 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5767
Description  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5767 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5767 Datasheet HTML 25Page - Analog Devices AD5767 Datasheet HTML 26Page - Analog Devices AD5767 Datasheet HTML 27Page - Analog Devices AD5767 Datasheet HTML 28Page - Analog Devices AD5767 Datasheet HTML 29Page - Analog Devices AD5767 Datasheet HTML 30Page - Analog Devices AD5767 Datasheet HTML 31Page - Analog Devices AD5767 Datasheet HTML 32Page - Analog Devices AD5767 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Data Sheet
AD5766/AD5767
Rev. C | Page 29 of 43
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTER
The AD5766/AD5767 are 16-channel, 16-bit/12-bit, serial
input, voltage output DACs capable of providing multiple
output ranges with ±20 mA output current capability. The
available output voltage ranges are as follows:
•
−20 V to 0 V
•
−16 V to 0 V
•
−10 V to 0 V
•
−10 V to +6 V
•
−12 V to +14 V
•
−16 V to +10 V
•
±5 V
•
±10 V
The devices operate from four supply voltages: AVCC, AVDD,
AVSS, and VLOGIC. AVCC is the power supply input voltage for the
DACs and other low voltage circuitry, whereas AVDD and AVSS
are the positive and negative analog supplies for the output
amplifiers. The output amplifiers require +2 V of headroom and
−2 V of footroom to drive 20 mA with a minimum output
voltage error of less than 1 LSB. Table 9 shows the power supply
requirements for the selected output range. VLOGIC defines the
logic levels for the digital input and output signals.
Table 9. Power Supply Requirements for the Selected
Output Range
Range (V)
AVSS Maximum (V)
AVDD Minimum (V)
−20 to 0
−22
2.97
−16 to 0
−18
2.97
−10 to 0
−12
2.97
−10 to +6
−12
8
−12 to +14
−14
16
−16 to +10
−18
12
−5 to +5
−7
7
−10 to +10
−12
12
DAC ARCHITECTURE
The architecture of one DAC channel consists of a resistor
string DAC followed by an output buffer amplifier. The voltage
at the VREF pin provides the reference voltage for the all DAC
channels. Figure 68 shows a block diagram of the DAC
architecture.
INPUT
REGISTER
OUTPUT
BUFFER AMPLIFIER
REFERENCE
BUFFER
VOUTX
VREF
RESISTOR
STRING
DAC
REGISTER
Figure 68. DAC Architecture
The input coding to the DAC is straight binary, the ideal output
voltage is given by
MIN
OUT
V
N
D
Span
V
+
×
=
where:
Span is the full extent of the DAC output voltage range from the
minimum to the maximum limit.
D is the decimal equivalent of the binary code that is loaded to
the DAC register.
N is 4096 for the AD5767 (12-bit version), and 65536 for the
AD5766 (16-bit version).
VMIN is the lowest voltage of the span.
RESISTOR STRING
The resistor string section is shown in Figure 69. It is a
simplified resistor string structure, each of Value R. The digital
code loaded to the DAC register determines at which node on
the string the voltage is connected to be fed into the output
amplifier. The voltage is tapped off by closing one of the
switches connecting the string to the amplifier. Because a string
of resistors is used, the DAC is guaranteed to be monotonic.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
Figure 69. Resistor String
POWER-ON RESET (POR)
The AD5766/AD5767 contain a POR circuit that controls the
output voltage during power-up. The AD5766/AD5767 outputs
are clamped to ground at power-up and remain powered up at
this level until a valid write sequence is made to the span register
to configure the output range of the DAC. At power-on, the
dither functionality is also enabled.
A software executable reset function resets the DAC to the
power-up state. Command 0111 is reserved for this reset
function (see Table 30). A minimum time is required between a
reset and a successful write (see the timing characteristics in
Table 4). Figure 70 shows the programming sequence to follow
to configure the AD5766/AD5767 upon power-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com