Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC1602A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AC1602A
Description  AC1602A (16 CHARACTERS x2 LINES)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AC1602A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AC1602A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC1602A (16 CHARACTERS x2 LINES)
FEATURES
ELECTRICAL CHARACTERISTICS
5x7DOTSWITHCURSOR
ITEM
SYMBOL CONDITION
MIN. TYP. MAX. UNIT
BUILT-IN CONTROLLER (KS0066 OR EQUIVALENT)
LCD Operating
T=0
-
4.8
-
V
5 V POWER SUPPLY
Voltage
VDD-VO
T=25
-
4.5
-
V
1/16 DUTY CYCLE
T=50
-
4.2
-
V
4.2 V LED FORWARD VOLTAGE
Supply Voltage
VDD-VSS
-
4.7
5
5.3
V
Supply Current
IDD
-
-2
4
mA
Input
"HIGH" Level
VIH
-
2.2
-
VDD
V
Voltage
"LOW" Level
VIL
-
0
-
0.6
V
MECHANICAL DATA
Output
"HIGH" Level
VOH
-
2.4
-
-
V
ITEM
DIMENSIONS
UNIT
Voltage
"LOW" Level
VOL
-
-
-
0.4
V
Module Size (W xHxT)
80 x 36 x 8.8 ( 12.7 LED )
mm
Viewing Area ( W x H )
65.0 x 16.0
mm
BLOCK DIAGRAM
Character Size (WxH)
2.96 x 5.56
mm
Character Pitch (W x H)
3.55 x 5.94
mm
Dot Size ( W x H )
0.56 x 0.66
mm
Dot Pitch ( W x H )
0.60 x 0.70
mm
INTERFACE PIN CONNECTIONS
NO. SYMBOL FUNCTION
NO. SYMBOL
FUNCTION
1VSS
0V
9
DB2
Data Bit 2
2VDD
5V
10
DB3
Data Bit 3
3VO
Contrast Adj.
11
DB4
Data Bit 4
4RS
Register Select
12
DB5
Data Bit 5
5
R/W
Read/Write
13
DB6
Data Bit 6
6E
Enable Signal
14
DB7
Data Bit 7
7
DB0
Data Bit 0
15
A
LED Power
8
DB1
Data Bit 1
16
K
LED Power
EXTERNAL DIMENSIONS
LCD
CONTROLLER
LCD PANEL
LCD SEGMENT
DRIVER
LED BACKLIGHT
COM16
SEG40
4
SEG40
DB0
DB7
RS
R/W
E
Vo
VDD
Vss
A
K
80.0 0.5
2.5
8.0
P2.54*15=38.1
75.0
16- 1.0
1.8
16
40.55
56.21
65.0
71.2
5- 1.0
4- 2.5
8.8(LED=12.7)
4.8(LED=8.7)
1.6
3.55
2.96
0.56
0.04
SCALE 4/1
A
K
CONTENTS


Similar Part No. - AC1602A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
AC16 COOPER-AC16 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
ZETTLER Electronics
AC161A ZETTLER-AC161A Datasheet
384Kb / 19P
SPECIFICATIONS FOR LCD MODULE
AC161B ZETTLER-AC161B Datasheet
374Kb / 18P
SPECIFICATIONS FOR LCD MODULE
logo
Texas Instruments
AC161M TI-AC161M Datasheet
383Kb / 15P
4-BIT SYNCHRONOUS BINARY COUNTERS
logo
List of Unclassifed Man...
AC162 ETC1-AC162 Datasheet
566Kb / 4P
GERMANIUM SMALL SIGNAL TRANSISTORS
More results

Similar Description - AC1602A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC1602A ETC-SC1602A Datasheet
106Kb / 1P
16 CHARACTERS x 2 LINES
SC1602B ETC-SC1602B Datasheet
91Kb / 1P
16 CHARACTERS x 2 LINES
SC1604C ETC-SC1604C Datasheet
92Kb / 1P
16 CHARACTERS x 4 LINES
LC1623 ETC-LC1623 Datasheet
34Kb / 1P
16 characters x 2 lines
LC1625 ETC-LC1625 Datasheet
31Kb / 1P
16 characters x 2 lines
LC1622 ETC-LC1622 Datasheet
29Kb / 1P
16 characters x 2 lines
LC1641 ETC1-LC1641 Datasheet
38Kb / 1P
16 characters x 4 lines
GMD1620A ETC1-GMD1620A Datasheet
84Kb / 1P
16 CHARACTERS X 2 LINES 1/16 DUTY
GMD1640A ETC1-GMD1640A Datasheet
80Kb / 1P
16 CHARACTERS X 4 LINES 1/16 DUTY
GMD1640C ETC1-GMD1640C Datasheet
86Kb / 1P
16 CHARACTERS X 4 LINES 1/16 DUTY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com