Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA08088 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA08088
Description  SAW Filter 1642.50MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA08088 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA08088 Datasheet HTML 1Page - Golledge Electronics Ltd MA08088 Datasheet HTML 2Page - Golledge Electronics Ltd MA08088 Datasheet HTML 3Page - Golledge Electronics Ltd MA08088 Datasheet HTML 4Page - Golledge Electronics Ltd MA08088 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 1642.50MHz
Model: TA0426A
Part No: MA08088
REV. NO.: 1
TA0426A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 5 dBm
2. DC voltage: 5 V
3. Operating Temperature: -20
°C to +75°C
4. Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency
Fc
(dB)
-
1642.5
-
Insertion loss within 1625 ~1660 MHz IL
(dB)
-
2.1
3.5
Amplitude ripple (p-p) within 1625 ~ 1660 MHz (dB)
-
0.9
2.0
Attenuation (Reference level from 0 dB)
DC ~ 1500
MHz
(dB)
21
28
-
1525 ~ 1559 MHz
(dB)
30
34
-
1700 ~ 2050 MHz
(dB)
30
33
-
2050 ~ 3500 MHz
(dB)
25
33
-
VSWR within 1625 ~1660 MHz
-
1.5
2.3
Source impedance
Zs (
Ω)
-
50
-
Load impedance
ZL (
Ω)
-
50
-
Note1. No matching network required for operation at 50
Ω


Similar Part No. - MA08088

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA08014 GOLLEDGE-MA08014 Datasheet
377Kb / 5P
SAW Filter 1216MHz
MA08024 GOLLEDGE-MA08024 Datasheet
172Kb / 4P
SAW Filter 326.40MHz
MA08030 GOLLEDGE-MA08030 Datasheet
250Kb / 5P
SAW Filter 246.0MHz
MA08038 GOLLEDGE-MA08038 Datasheet
90Kb / 6P
SAW Filter 821.5MHz
MA08039 GOLLEDGE-MA08039 Datasheet
122Kb / 5P
SAW Filter 776.50MHz
More results

Similar Description - MA08088

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MA09739 GOLLEDGE-MA09739 Datasheet
416Kb / 6P
SAW Filter 1642.50MHz
MP04219 GOLLEDGE-MP04219 Datasheet
158Kb / 6P
SAW Filter 1642.50MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com