Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF4415P Datasheet(PDF) 1 Page - Anachip Corp

Part # AF4415P
Description  P-Channel 20-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF4415P Datasheet(HTML) 1 Page - Anachip Corp

  AF4415P Datasheet HTML 1Page - Anachip Corp AF4415P Datasheet HTML 2Page - Anachip Corp AF4415P Datasheet HTML 3Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AF4415P
P-Channel 20-V (D-S) MOSFET
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Jul 16, 2004
1/3
Features
-Low rDS(on) Provides Higher Efficiency and Extends
Battery Life
-Miniature SO-8 Surface Mount Package Saves
Board Space
-High power and current handling capability
Product Summary
VDS (V)
rDS(on) (mΩ)
ID (A)
8.4@VGS=-4.5V
-13.5
-20
10.4@VGS=-2.5V
-12
Pin Assignments
SOP-8
5
6
7
8
4
3
2
1
D
D
D
D
S
S
S
G
General Description
These miniature surface mount MOSFETs utilize
High Cell Density process.
Low rDS(on) assures
minimal power loss and conserves energy, making
this device ideal for use in power management
circuitry.
Typical applications are PWM DC-DC
converters, power management in portable and
battery-powered
products
such
as
computers,
printers, battery charger, telecommunication power
system, and telephones power system.
Pin Descriptions
Pin Name
Description
S
Source
G
Gate
D
Drain
Ordering information
AX 4415P X X X
PN
Package
Feature
F :MOSFET
S: SOP-8
Lead Free
Blank : Normal
L : Lead Free Package
Packing
Blank : Tube or Bulk
A : Tape & Reel


Similar Part No. - AF4415P

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AF4410N ANACHIP-AF4410N Datasheet
509Kb / 6P
N-Channel Enhancement Mode Power MOSFET
Rev. 1.1 Aug 30, 2005
AF4410NS ANACHIP-AF4410NS Datasheet
509Kb / 6P
N-Channel Enhancement Mode Power MOSFET
Rev. 1.1 Aug 30, 2005
AF4410NSA ANACHIP-AF4410NSA Datasheet
509Kb / 6P
N-Channel Enhancement Mode Power MOSFET
Rev. 1.1 Aug 30, 2005
AF4410NSL ANACHIP-AF4410NSL Datasheet
509Kb / 6P
N-Channel Enhancement Mode Power MOSFET
Rev. 1.1 Aug 30, 2005
AF4410NSLA ANACHIP-AF4410NSLA Datasheet
509Kb / 6P
N-Channel Enhancement Mode Power MOSFET
Rev. 1.1 Aug 30, 2005
More results

Similar Description - AF4415P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
logo
Analog Power
AM2305PE ANALOGPOWER-AM2305PE Datasheet
346Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM2325P ANALOGPOWER-AM2325P Datasheet
133Kb / 6P
P-Channel 20-V (D-S) MOSFET
AM3405P ANALOGPOWER-AM3405P Datasheet
224Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM3441P ANALOGPOWER-AM3441P Datasheet
206Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com