Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1DF0D25 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1DF0D25
Description  Low Dissipation Factor Disc Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1DF0D25 Datasheet(HTML) 1 Page - Vishay Siliconix

  1DF0D25 Datasheet HTML 1Page - Vishay Siliconix 1DF0D25 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
23
1DFO, 2DFO, 3DFO Series
Vishay Cera-Mite
Document Number: 23093
Revision 14-May-02
ceramite.support@vishay.com
Series:
1DFO
2DFO
3DFO
Application Voltage:
500 Vrms
1000 Vrms
1500 Vrms
1000 Vdc
2000 Vdc
3000 Vdc
Dielectric Strength:
1200 Vrms
2000 Vrms
3000 Vrms
2500 Vdc
4000 Vdc
6000 Vdc
Dissipation Factor:
0.1% Maximum at 1 kHz and 25°C
Maximum Service Temperature:
125°C
Power Rating: (Note 1) Limit to 30°C Case Temperature Rise
Insulation Resistance:
50,000 MΩ Minimum
Low Dissipation Factor Disc Capacitors
D
T
LS
Value
Catalog
Temp
Diameter Thickness Lead Space
pF
Tol. Number
Char.
(in / mm) (in / mm)
(in / mm)
10
J
2DF0Q10
NP0
.290 (7.4) .160 (4.1) .250 (6.4)
12
J
2DF0Q12 N1500 .290 (7.4) .170 (4.3) .250 (6.4)
15
J
2DF0Q15 N2200 .290 (7.4) .185 (4.7) .250 (6.4)
18
J
2DF0Q18 N2200 .290 (7.4) .170 (4.3) .250 (6.4)
22
J
2DF0Q22 N2200 .290 (7.4) .170 (4.3) .250 (6.4)
27
J
2DF0Q27 N1500 .290 (7.4) .220 (5.6) .250 (6.4)
33
J
2DF0Q33 N1500 .290 (7.4) .195 (5.0) .250 (6.4)
39
J
2DF0Q39 N1500 .290 (7.4) .180 (4.6) .250 (6.4)
47
J
2DF0Q47 N1500 .290 (7.4) .170 (4.3) .250 (6.4)
56
J
2DF0Q56 N2000 .290 (7.4) .210 (5.3) .250 (6.4)
68
J
2DF0Q68 N2000 .290 (7.4) .190 (4.8) .250 (6.4)
82
J
2DF0Q82 N2000 .290 (7.4) .175 (4.5) .250 (6.4)
100
K
2DF0T10
N2000 .290 (7.4) .170 (4.3) .250 (6.4)
120
K
2DF0T12
N2500 .290 (7.4) .185 (4.7) .250 (6.4)
150
K
2DF0T15
N2500 .290 (7.4) .170 (4.3) .250 (6.4)
180
K
2DF0T18
N2800 .290 (7.4) .185 (4.7) .250 (6.4)
220
K
2DF0T22
N2800 .290 (7.4) .170 (4.3) .250 (6.4)
270
K
2DF0T27
N2500 .330 (8.4) .170 (4.3) .250 (6.4)
330
K
2DF0T33
N2800 .330 (8.4) .185 (4.7) .250 (6.4)
390
K
2DF0T39
N2800 .330 (8.4) .175 (4.5) .250 (6.4)
470
K
2DF0T47
N2500 .400 (10.2) .170 (4.3) .250 (6.4)
560
K
2DF0T56
N2800 .400 (10.2) .185 (4.7) .250 (6.4)
680
K
2DF0T68
N2800 .400 (10.2) .170 (4.3) .250 (6.4)
820
K
2DF0T82
N2800 .430 (10.9) .175 (4.5) .250 (6.4)
1000
K 2DF0D10
N2800 .460 (11.7) .170 (4.3) .250 (6.4)
1200
K 2DF0D12
N2800 .490 (12.5) .170 (4.3) .250 (6.4)
1500
K 2DF0D15
N2800 .530 (13.5) .170 (4.3) .250 (6.4)
1800
K 2DF0D18
N2800 .560 (14.2) .170 (4.3) .375 (9.5)
2200
K 2DF0D22
N2800 .680 (17.3) .180 (4.6) .375 (9.5)
2300
K 2DF0D23
N2800 .680 (17.3) .175 (4.5) .375 (9.5)
2400
K 2DF0D24
N2800 .680 (17.3) .175 (4.5) .375 (9.5)
2500
K 2DF0D25
N2800 .680 (17.3) .170 (4.3) .375 (9.5)
2700
K 2DF0D27
N2800 .680 (17.3) .170 (4.3) .375 (9.5)
3300
K 2DF0D33
N2800 .720 (18.3) .170 (4.3) .375 (9.5)
3900
K 2DF0D39
N2800 .790 (20.1) .170 (4.3) .375 (9.5)
4700
K 2DF0D47
N2800 .900 (22.9) .180 (4.6) .375 (9.5)
5600
K 2DF0D56
N2800 .900 (22.9) .170 (4.3) .375 (9.5)
6800
K 2DF0D68
N2800 .950 (24.1) .170 (4.3) .375 (9.5)
Power ratings are based on still air 60°C ambient with additional 30°C rise
due to self heating. Thermal effects such as forced air cooling, component
encapsulation or other heat-sinking techniques will alter ratings.
Actual
circuit test is recommended.
2DFO SERIES - LOW DISSIPATION FACTOR
564C Series
Application Range: 1000 Vrms; 2000 Vdc
Note 1
D
T
LS
Value
Catalog
Temp
Diameter Thickness Lead Space
pF Tol. Number
Char.
(in / mm)
(in / mm)
(in / mm)
10
J 1DF0Q10
NP0
.250 (6.4)
.156 (4.0)
.250 (6.4)
12
J 1DF0Q12
NP0
.250 (6.4)
.156 (4.0)
.250 (6.4)
15
J 1DF0Q15
N1500 .250 (6.4)
.156 (4.0)
.250 (6.4)
18
J 1DF0Q18
N1500 .250 (6.4)
.156 (4.0)
.250 (6.4)
22
J 1DF0Q22
N1500 .250 (6.4)
.156 (4.0)
.250 (6.4)
27
J 1DF0Q27
N2200 .250 (6.4)
.156 (4.0)
.250 (6.4)
33
J 1DF0Q33
N2200 .250 (6.4)
.156 (4.0)
.250 (6.4)
39
J 1DF0Q39
N2200 .250 (6.4)
.156 (4.0)
.250 (6.4)
47
J 1DF0Q47
N1500 .250 (6.4)
.156 (4.0)
.250 (6.4)
56
J 1DF0Q56
N1500 .250 (6.4)
.156 (4.0)
.250 (6.4)
68
J 1DF0Q68
N1500 .250 (6.4)
.156 (4.0)
.250 (6.4)
82
J 1DF0Q82
N1500 .250 (6.4)
.156 (4.0)
.250 (6.4)
100
K 1DF0T10
N2000 .250 (6.4)
.156 (4.0)
.250 (6.4)
120
K 1DF0T12
N2000 .250 (6.4)
.156 (4.0)
.250 (6.4)
150
K 1DF0T15
N2000 .250 (6.4)
.156 (4.0)
.250 (6.4)
180
K 1DF0T18
N2000 .250 (6.4)
.156 (4.0)
.250 (6.4)
220
K 1DF0T22
N2500 .250 (6.4)
.156 (4.0)
.250 (6.4)
270
K 1DF0T27
N2500 .250 (6.4)
.156 (4.0)
.250 (6.4)
330
K 1DF0T33
N2800 .250 (6.4)
.156 (4.0)
.250 (6.4)
390
K 1DF0T39
N2800 .250 (6.4)
.156 (4.0)
.250 (6.4)
470
K 1DF0T47
N2800 .290 (7.4)
.156 (4.0)
.250 (6.4)
560
K 1DF0T56
N2800 .290 (7.4)
.156 (4.0)
.250 (6.4)
680
K 1DF0T68
N2800 .290 (7.4)
.156 (4.0)
.250 (6.4)
820
K 1DF0T82
N2800 .290 (7.4)
.156 (4.0)
.250 (6.4)
1000 K 1DF0D10
N2800 .370 (9.4)
.156 (4.0)
.250 (6.4)
1200 K 1DF0D12
N2800 .370 (9.4)
.156 (4.0)
.250 (6.4)
1500 K 1DF0D15
N2800 .405 (10.3) .156 (4.0)
.250 (6.4)
1800 K 1DF0D18
N2800 .440 (11.2) .156 (4.0)
.250 (6.4)
2200 K 1DF0D22
N2800 .460 (11.7) .156 (4.0)
.250 (6.4)
2300 K 1DF0D23
N2800 .460 (11.7) .156 (4.0)
.250 (6.4)
2400 K 1DF0D24
N2800 .460 (11.7) .156 (4.0)
.250 (6.4)
2500 K 1DF0D25
N2800 .460 (11.7) .156 (4.0)
.250 (6.4)
2700 K 1DF0D27
N2800 .490 (12.5) .156 (4.0)
.250 (6.4)
3300 K 1DF0D33
N2800 .530 (13.5) .156 (4.0)
.250 (6.4)
3900 K 1DF0D39
N2800 .560 (14.2) .156 (4.0)
.375 (9.5)
4700 K 1DF0D47
N2800 .630 (16.0) .156 (4.0)
.375 (9.5)
5600 K 1DF0D56
N2800 .680 (17.3) .156 (4.0)
.375 (9.5)
6800 K 1DF0D68
N2800 .760 (19.3) .156 (4.0)
.375 (9.5)
1DFO SERIES - LOW DISSIPATION FACTOR
561C Series
Application Range: 500 Vrms; 1000 Vdc
The 1DFO, 2DFO, and 3DFO Series are designed to operate
up to 500, 1000, and 1500 V
RMS, respectively. Their low
dissipation factor (DF) and stable temperature characteristics
are well suited for operation at elevated frequency. Operating
limits are governed by a suggested 30°C maximum case
temperature rise as controlled by applied voltage and
frequency dependent current. Power-rating charts covering
the entire series provide operating guidelines for higher
frequency applications.
For convenience, power rating charts are shown to 100 kHz.
Higher
frequency operation is permissible with appropriate derating.
Consult factory for application suggestions.
Note 2
APPLICATIONS:
• Fluorescent Ballasts
• Industrial Electronic Systems
• Switching Power Supplies • Snubber Networks
FEATURES
• Ideal for High Voltage Switching to 100 kHz
• Low DF Minimizes Self Heating at High Frequencies.
• Application Voltages: 500, 1000 and 1500 Vac.
• Economical Alternative to Film Capacitors.
GENERAL SPECIFICATIONS
Note 3
Note 3


Similar Description - 1DF0D25

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HG61H HITACHI-HG61H Datasheet
1Mb / 30P
Low power dissipation
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64_14 Datasheet
293Kb / 15P
Low Power Dissipation
logo
STMicroelectronics
AN2385 STMICROELECTRONICS-AN2385 Datasheet
632Kb / 14P
Power dissipation and its linear derating factor
13-Jun-2006
logo
MERITEK ELECTRONICS COR...
MA MERITEK-MA Datasheet
1Mb / 14P
Low dissipation factor
TMPP-FMPP MERITEK-TMPP-FMPP Datasheet
219Kb / 1P
Low dissipation factor (DF), excellent for high frequency
logo
Illinois Capacitor, Inc...
FSB ILLINOISCAPACITOR-FSB Datasheet
222Kb / 2P
High voltage ??Low Leakage ??low dissipation Factor
logo
Vishay Siliconix
TLVH42N2Q2 VISHAY-TLVH42N2Q2 Datasheet
143Kb / 5P
Low power dissipation
14-Oct-14
logo
Cornell Dubilier Electr...
715P CDE-715P Datasheet
493Kb / 15P
Low dissipation factor.
716P CDE-716P Datasheet
381Kb / 15P
Extremely low dissipation factor
logo
Vishay Siliconix
561R1DF0D10 VISHAY-561R1DF0D10 Datasheet
106Kb / 7P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
23-Jul-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com