Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN612M Datasheet(PDF) 1 Page - STMicroelectronics

Part # TYN612M
Description  Suitable to Fit modes of control found in Applications such as Voltage regulation Circuits for Motorbikes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN612M Datasheet(HTML) 1 Page - STMicroelectronics

  TYN612M Datasheet HTML 1Page - STMicroelectronics TYN612M Datasheet HTML 2Page - STMicroelectronics TYN612M Datasheet HTML 3Page - STMicroelectronics TYN612M Datasheet HTML 4Page - STMicroelectronics TYN612M Datasheet HTML 5Page - STMicroelectronics TYN612M Datasheet HTML 6Page - STMicroelectronics TYN612M Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
®
1/7
Table 1: Main Features
DESCRIPTION
The TYN612M SCR is suitable to fit modes of
control found in applications such as voltage
regulation circuits for motorbikes, overvoltage
crowbar protection, motor control circuits in power
tools and kitchen aids, inrush current limiting
circuits, capacitive discharge ignition.
The insulated fullpack package allows a back to
back configuration.
Symbol
Value
Unit
IT(RMS)
12
A
VDRM/VRRM
600
V
IGT (min./max.)
1.5 / 5
mA
TYN612M
12A SCR
REV. 2
February 2005
Table 2: Order Codes
Part Number
Marking
TYN612MRG
TYN612M
TYN612MFP
TYN612MFP
G
A
A
K
G
A
K
TO-220AB
(TYN612MRG)
TO-220FPAB
(TYN612MFP)
A
K
G
Table 3: Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(180° conduction angle)
TO-220AB
Tc = 105°C
12
A
TO-220FPAB
Tc = 70°C
12
IT(AV)
Average on-state current
(180° conduction angle)
TO-220AB
Tc = 105°C
8
A
TO-220FPAB
Tc = 70°C
8
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
125
A
tp = 10 ms
120
I²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
72
A²S
dI/dt
Critical rate of rise of on-state cur-
rent IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VRGM
Maximum peak reverse gate voltage
5
V


Similar Part No. - TYN612M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN612M STMICROELECTRONICS-TYN612M Datasheet
108Kb / 8P
12 A SCR
17-Apr-2007
logo
Kersemi Electronic Co.,...
TYN612M KERSEMI-TYN612M Datasheet
458Kb / 7P
12 A SCR
logo
STMicroelectronics
TYN612MFP STMICROELECTRONICS-TYN612MFP Datasheet
108Kb / 8P
12 A SCR
17-Apr-2007
logo
Kersemi Electronic Co.,...
TYN612MFP KERSEMI-TYN612MFP Datasheet
458Kb / 7P
12 A SCR
logo
STMicroelectronics
TYN612MFPRG STMICROELECTRONICS-TYN612MFPRG Datasheet
108Kb / 8P
12 A SCR
17-Apr-2007
More results

Similar Description - TYN612M

ManufacturerPart #DatasheetDescription
logo
NEC
2SB1149 NEC-2SB1149 Datasheet
143Kb / 2P
Suitable for use to operate from IC without Predriver, such as hammer driver
logo
Unisonic Technologies
US112S UTC-US112S Datasheet
189Kb / 4P
Suitable to fit all modes of control Found in applications such as Overvoltage crowbar protection
logo
STMicroelectronics
Z00607MA2BL2 STMICROELECTRONICS-Z00607MA2BL2 Datasheet
53Kb / 6P
The Z00607MA is suitable for low power AC switching applications such as fan speed small light controllers
21-Jun-2005
AN2929 STMICROELECTRONICS-AN2929 Datasheet
1Mb / 32P
In consumer applications such as LCD or plasma TVs
06-Apr-2011
AN3011 STMICROELECTRONICS-AN3011 Datasheet
1Mb / 37P
In certain applications such as LCD or plasma TVs
13-Jan-2011
AN4007 STMICROELECTRONICS-AN4007 Datasheet
1Mb / 33P
In several applications, such as LCD or plasma TVs
12-Dec-2012
logo
Ohmite Mfg. Co.
ARC2 OHMITE-ARC2 Datasheet
158Kb / 2P
Designed for applications such as voltage dividers
logo
Littelfuse
SJXX04XSX LITTELFUSE-SJXX04XSX Datasheet
1Mb / 7P
This SJxx04x high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX25XX LITTELFUSE-SJXX25XX Datasheet
1Mb / 8P
This SJxx25xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
SJXX32XX LITTELFUSE-SJXX32XX Datasheet
1Mb / 8P
This SJxx32xx high temperature SCR series is ideal for uni-directional switch applications such as phase control in heating
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com