Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-TI10P-521-C2-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-TI10P-521-C2-R0
Description  Optimized for natural convection air cooling
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-TI10P-521-C2-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-TI10P-521-C2-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
Thermal Performance
ATS PART # ATS-TI10P-521-C2-R0
Features & Benefits
» Optimized for natural convection air cooling
» Black anodized for maximum heat dissipation
» Designed specifically for TI’s Audio Evaluation
Module #TPA3118D2EVM
» Heat sinks come with two threaded mounting holes
Heat Sinks For Texas Instruments
AIR VELOCITY
THERMAL RESISTANCE
FT/MIN
M/S
°C/W (UNDUCTED FLOW)
°C/W (DUCTED FLOW)
200
1.0
300
1.5
n/a
400
2.0
n/a
500
2.5
n/a
600
3.0
n/a
700
3.5
n/a
800
4.0
n/a
8.5
6.8
5.9
5.3
4.9
4.5
4.3
4.7
For more information, to find a distributor or to place an order, visit www.qats.com or call: 781.769.2800.
50.00mm Sink Length
1.00mm
3.00mm
Dimension A
Dimension B
Dimension C
Dimension D
Thread Depth
Thread Type
Interface Material
Finish
50 mm
13.9 mm
25 mm
40 mm
6.5 mm
#4-40
N/A
Black Anodized
REV3-1117
*Images are for illustration purposes only.
B
A
C
Notes:
1)
Dimension A = heat sink length
2)
Dimension B - heat sink width
3)
Dimension C = heat sink height from bottom of the base to the top of the fin field (all in mm)
4)
Dimension D = Hole distance center to center (mm)
5)
Dimension E= Hole depth (mm)
6)
Material AL-6063
D


Similar Part No. - ATS-TI10P-521-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-TI10P-521-C1-R0 ATS-ATS-TI10P-521-C1-R0 Datasheet
140Kb / 1P
Optimized for natural convection air cooling
REV3-1117
ATS-TI10P-521-C1-R1 ATS-ATS-TI10P-521-C1-R1 Datasheet
121Kb / 1P
Heat Sinks For Texas Instruments
REV3_1117
More results

Similar Description - ATS-TI10P-521-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-TI1OP-518-C1-R0 ATS-ATS-TI1OP-518-C1-R0 Datasheet
360Kb / 1P
Optimized for natural convection air cooling
REV1_1113
ATS-TI1OP-519-C1-R0 ATS-ATS-TI1OP-519-C1-R0 Datasheet
425Kb / 1P
Optimized for natural convection air cooling
REV1_0813
ATS-TI1OP-519-C1-R1 ATS-ATS-TI1OP-519-C1-R1 Datasheet
499Kb / 1P
Optimized for natural convection air cooling
REV1_1113
ATS-TI1OP-519-C1-R2 ATS-ATS-TI1OP-519-C1-R2 Datasheet
433Kb / 1P
Optimized for natural convection air cooling
REV1_0813
ATS-TI1OP-519-C1-R3 ATS-ATS-TI1OP-519-C1-R3 Datasheet
453Kb / 1P
Optimized for natural convection air cooling
REV1_1113
ATS-TI1OP-521-C1-R0 ATS-ATS-TI1OP-521-C1-R0 Datasheet
381Kb / 1P
Optimized for natural convection air cooling
REV1_1113
ATS-TI1OP-521-C1-R1 ATS-ATS-TI1OP-521-C1-R1 Datasheet
372Kb / 1P
Optimized for natural convection air cooling
REV1_1113
ATS-TI1OP-563-C1-R0 ATS-ATS-TI1OP-563-C1-R0 Datasheet
955Kb / 1P
Optimized for natural convection air cooling
REV1_1113
ATS-TI10P-519-C1-R1 ATS-ATS-TI10P-519-C1-R1 Datasheet
162Kb / 1P
Optimized for natural convection air cooling
REV3-1117
ATS-TI10P-521-C1-R0 ATS-ATS-TI10P-521-C1-R0 Datasheet
140Kb / 1P
Optimized for natural convection air cooling
REV3-1117
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com