Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15AM Datasheet(PDF) 1 Page - Texas Instruments

Part # 15AM
Description  Motor Protector/Thermal Cut-out
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

15AM Datasheet(HTML) 1 Page - Texas Instruments

  15AM Datasheet HTML 1Page - Texas Instruments 15AM Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
I NNOV A TIVE S OLUTIONS IN S ENSORS AND C ONTROLS
Product Bulletin
15AM
Motor Protector/Thermal Cut-out
As world market leader in appliance
motor protection Texas Instruments
builds the 15AM motor protector to
meet almost any application in this
field. The 15AM is designed to pro-
vide locked rotor and overload pro-
tection in a wide variety of motors
for industrial and domestic appli-
ances. The 15AM is the leader in
the European AC motor protection
market.
Design & operating principles
In the 15AM design the nickel plated
shell holds and protects the inner
components against varnish pene-
tration and mechanical forces. The
heart of the device is the calibrated
Klixon™ bimetal disc, responding to
current and temperature changes. It
is supported by a slug and a contact
welded on the disc. The fixed con-
tact is placed on the opposite nickel-
zinc coated plated steel shell, sepa-
rated by a coated gasket for insulat-
ing and sealing. The 15AM can be
supplied as a basic device with
leads and other integrated quick
connectors or automated connection
systems. Customized lead configu-
rations are available on request. The
15AM can be fitted in the best possi-
ble mounting location in combination
with the optimum assembly opera-
tion. As the 15AM is a metal device
it may be necessary to insulate the
device from other conductive parts,
an insulating sleeve is available on
request.
The operating principle of the 15AM
is both simple and effective. A cur-
rent flows through the resistive
Klixon™ bimetal disc. When a fault
condition occurs, the increased cur-
rent and shell temperature heats up
the bimetal disc which opens the
contacts. As the device cools down
to a safe temperature, the contacts
will automatically reset.
Applications
The 15AM operates as an incorpo-
rated thermal sensitive protector in
electric motors for pumps, washing
machines, dish washers, dryers and
in several other applications like
vacuum cleaners, fans, battery
chargers, transformers for lighting
(EN 61558) and microwave ovens.
Key Benefits
• Texas Instruments Engineering
knowledge base
• Provides mounting flexibility
• European supply
• Competitive price
• Local Engineering


Similar Part No. - 15AM

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
15A YANGJIE-15A Datasheet
146Kb / 2P
Silicon Rectifier
logo
Electroswitch Electroni...
15A-125VAC ELECTROSWITCH-15A-125VAC Datasheet
102Kb / 1P
Push Button Switches
2010
logo
IDEAL-TEK SA
15A.C.DR IDEAL-TEK-15A.C.DR Datasheet
453Kb / 2P
ESD Rubber Grip Tweezers
logo
List of Unclassifed Man...
15A0 ETC-15A0 Datasheet
477Kb / 1P
SMD SMART PROTECTOR
logo
Shanghai Shunye Electro...
15A05 SHUNYE-15A05 Datasheet
767Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
V2.22
More results

Similar Description - 15AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TH10 TI-TH10 Datasheet
168Kb / 2P
Thermal Cut-out
logo
List of Unclassifed Man...
B12A12005L310100U253 ETC2-B12A12005L310100U253 Datasheet
1Mb / 4P
Thermal motor protector Temperature limiter Thermal cut-out
SDJ1 ETC2-SDJ1 Datasheet
492Kb / 3P
Thermal Cut-Offs
RCT ETC-RCT Datasheet
529Kb / 1P
THERMAL CUT-OFF RESISTOR
logo
CONEC Elektronische Bau...
15-00625 CONEC-15-00625 Datasheet
404Kb / 2P
RECOMMENDED PANEL CUT-OUT
15-00629X CONEC-15-00629X Datasheet
256Kb / 2P
RECOMMENDED PANEL CUT-OUT
15-00630X CONEC-15-00630X Datasheet
342Kb / 2P
RECOMMENDED PANEL CUT-OUT
logo
Schneider Electric
GV2ME07 SCHNEIDER-GV2ME07 Datasheet
207Kb / 9P
thermal magnetic circuit protector
Aug 11, 2019
GV2ME08 SCHNEIDER-GV2ME08 Datasheet
186Kb / 10P
thermal magnetic circuit protector
Aug 21, 2020
logo
List of Unclassifed Man...
2MM ETC2-2MM Datasheet
610Kb / 2P
Motor Protector/Thermal Cut-Out
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com