Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFS1113 Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # RFS1113
Description  Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

RFS1113 Datasheet(HTML) 2 Page - Coilcraft lnc.

  RFS1113 Datasheet HTML 1Page - Coilcraft lnc. RFS1113 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document 1002-2
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2017
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
ShieldedPowerInductors–RFS1113Series
Typical L vs Current
Typical L vs Frequency
Dimensions are in
inches
mm
XXX
0.433 ±0.012
11,0 ±0,3
0.484±0.008
12,3 ±0,2
0.031
0,80
Recommended
PC Board Layout
Dot indicates
pin 1
0.054
1,37
0.189 ±0.02
4,8 ±0,5
∅
∅
0.197
5,0
Document 1002-2 Revised 05/03/17
10 µH
15 µH
1000 µH
100 µH
220 µH
39 µH
1
10
100
10000
1000
0.1
1
100
10
Frequency (MHz)
1
10
100
10000
1000
0.01
0.1
10
1
Current (A)
10 µH
1000 µH
100 µH
220 µH
39 µH
15 µH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com