Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCSW131CT Datasheet(PDF) 17 Page - NICHIA CORPORATION

Part # NCSW131CT
Description  WHITE LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NCSW131CT Datasheet(HTML) 17 Page - NICHIA CORPORATION

Back Button NCSW131CT Datasheet HTML 11Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 12Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 13Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 14Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 15Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 16Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 17Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 18Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 19Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
NICHIA STS-DA1-4643D <Cat.No.180912>
16
(3) Handling Precautions
● Do not handle the LEDs with bare hands as it will contaminate the LED surface and may affect the optical characteristics: it might
cause the LED to be deformed and/or the bump to break, which will cause the LED not to illuminate.
● Ensure that when handling the LEDs with tweezers, excessive force is not applied to the LED. Otherwise, it may cause damage to
the resin (e.g. cut, scratch, chip, crack, delamination and deformation) and the internal connection to fail causing a catastrophic
failure (i.e. the LED not to illuminate).
● Dropping may cause damage to the LED (e.g. deformation).
● Do not stack assembled PCBs together. Otherwise, it may cause damage to the resin (e.g. cut, scratch, chip, crack, delamination
and deformation) and the internal connection to fail causing a catastrophic failure (i.e. the LED not to illuminate).
(4) Design Consideration
● If the LEDs are soldered to a PCB and the PCB assembly is bent (e.g. PCB depaneling process), it may cause the LED package to
break. The PCB layout should be designed to minimize the mechanical stress on the LEDs when the PCB assembly is bent/warped.
● The amount of mechanical stress exerted on the LED from depaneling may vary depending on the LED position/orientation on the
PCB assembly (e.g. especially in areas near V-groove scores). The PCB layout should be designed to minimize the mechanical
stress on the LEDs when the PCB is separated into individual PCB assemblies.
● To separate a PCB populated with the LEDs, use a specially designed tool. Do not break the PCB by hand.
● Volatile organic compounds that have been released from materials present around the LEDs (e.g. housing, gasket/seal, adhesive,
secondary lens, lens cover, etc.) may penetrate the LED lens and/or encapsulating resin. If the LEDs are being used in a
hermetically sealed environment, these volatile compounds can discolor after being exposed to heat and/or photon energy and
it may greatly reduce the LED light output and/or color shift. In this case, ventilating the environment may improve the reduction
in light output and/or color shift. Perform a light-up test of the chosen application for optical evaluation to ensure that there are
no issues, especially if the LEDs are planned to be used in a hermetically sealed environment.
● If an aluminum-core PCB is used to operate the LEDs, it may cause thermal stress during operation causing damage to the solder
joints (e.g. crack). Ensure that sufficient verification is performed prior to use. Nichia recommends using an aluminum-core PCB
with a low elastic modulus insulating layer.
● Ensure that the chosen soldering pad pattern has a solder mask which does not cover the copper pads that the LED will be
attached to or the area underneath the LED.
(Non Solder Mask Defined [NSMD] pads are recommended; see the figure below.)
基材
Base Material
基材
Base Material
NSMD(推奨 Recommended)
SMD(参考 Reference)
ソ ダー
Solder Mask
ソ ダー
Solder Mask
銅箔 ッ
Copper Pad
銅箔 ッ
Copper Pad
製品
LED
ー
Solder Paste
ー
Solder Paste
製品
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com