Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCSW170CT Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NCSW170CT
Description  WHITE LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NCSW170CT Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NCSW170CT Datasheet HTML 3Page - NICHIA CORPORATION NCSW170CT Datasheet HTML 4Page - NICHIA CORPORATION NCSW170CT Datasheet HTML 5Page - NICHIA CORPORATION NCSW170CT Datasheet HTML 6Page - NICHIA CORPORATION NCSW170CT Datasheet HTML 7Page - NICHIA CORPORATION NCSW170CT Datasheet HTML 8Page - NICHIA CORPORATION NCSW170CT Datasheet HTML 9Page - NICHIA CORPORATION NCSW170CT Datasheet HTML 10Page - NICHIA CORPORATION NCSW170CT Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
NICHIA STS-DA1-4406E <Cat.No.180911>
6
* This LED uses glass for the phosphor sheet (i.e. emitting surface); if excess pressure is applied to the glass, it may cause the glass
to be damaged, chipped, cracked and/or deformed. If the glass is damaged, chipped, cracked and/or deformed, it may cause the
internal connection to fail causing a catastrophic failure (i.e. the LED not to illuminate) and/or reliability issues (e.g. the LED to
corrode and/or to become dimmer, the color/directivity to change, etc.).
Recommended conditions:
Using a nozzle specifically designed for the LEDs is recommended (See the nozzle drawing below).
Nozzle contact area:
The center of the phosphor sheet (See the second figure from the right)
(単位 Unit: mm)
1.2
0.4
2.2
R0.1
If the nozzle is off-center and makes contact with the edges of the phosphor sheet (as shown in the figure to the right), it may
cause the glass to chip/crack.
Placement pressure ≤ 3.5N/mm2 *max. force: 5N
Vacuum pressure ≤ 8N/cm2 (≤ 0.8kgf/cm2)
* Once the LEDs have been soldered to a PCB, it should not be repaired/reworked. If it must be done, using a hot plate is strongly
recommended. Sufficient verification should be performed prior to use to ensure that the repair/rework does not cause the LED
characteristics to deteriorate.
* When soldering, do not apply stress to the LED while the LED is hot.
* When using a pick and place machine, choose an appropriate nozzle for this product.
* The soldering pad pattern above is a general recommendation for LEDs to be mounted without issues; if a high degree of precision
is required for the chosen application (i.e. high-density mounting), ensure that the soldering pad pattern is optimized.
* When flux is used, it should be a halogen free flux. Ensure that the manufacturing process is not designed in a manner where the
flux will come in contact with the LEDs.
* Ensure that there are no issues with the type and amount of solder that is being used.
* This LED has all the electrodes on the backside; solder connections will not be able to be seen nor confirmed by a normal visual
inspection. Ensure that sufficient verification is performed on the soldering conditions prior to use to ensure that there are no
issues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com