Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-EB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DMS-EB
Description  4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DMS-EB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DMS-EB Datasheet HTML 1Page - List of Unclassifed Manufacturers DMS-EB Datasheet HTML 2Page - List of Unclassifed Manufacturers DMS-EB Datasheet HTML 3Page - List of Unclassifed Manufacturers DMS-EB Datasheet HTML 4Page - List of Unclassifed Manufacturers DMS-EB Datasheet HTML 5Page - List of Unclassifed Manufacturers DMS-EB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email: sales@datel.com • Internet: www.datel.com
Features
••••• Precision, autozeroing, factory-
calibrated A/D converter
••••• Scientific-grade accuracy, ±2 counts
••••• Miniature size:
2.17" x 0.92" x 0.56"
55mm x 23mm x 14mm
••••• Large (0.52"/13.2mm) LED display
••••• Choice of red, green or yellow colors
••••• High-intensity or low-power red
LED's optional
••••• Single +5V supply (175mW for low-
power models)
••••• Epoxy-encapsulated, 12-pin DIP with
built-in color filter and bezel
••••• 3 differential input voltage ranges
••••• DISPLAY HOLD and TEST functions
••••• Optional BCD data outputs for CPU
interface
••••• 0 to +50°C temperature range
4½ Digit, LED Display
Precision, Miniature
Digital Panel Voltmeters
DMS-40PC Series, 4½ Digit, LED Display, Miniature DPM's are fully self-contained,
component-like, plug-in meters that provide scientific-grade accuracy (typically ±2
counts or ±0.005% of full scale) and outstanding reliability at a very affordable price.
Within its miniature (2.17" x 0.92" x 0.56"), epoxy-encapsulated package, each
meter contains a precision reference circuit; a high-resolution, autozeroing, factory-
calibrated A/D converter; and a large (0.52"/13.2mm), easy-to-read, LED display.
LED's are available in red, yellow and green colors. Red LED's are also offered in
high-intensity or low-power versions.
The versatile design of the DMS-40PC Series assures trouble-free installation and
long-term operation. Differential input voltage ranges include ±2V, ±20V and ±200V.
Input impedance is a minimum 800k
Ω. Non-inverting inputs are overvoltage protected
to ±250V, and CMRR is typically 86dB (dc to 60Hz).
The DMS-40PC's epoxy-encapsulated package has an integral bezel and color
filter. The moisture and vibration-proof package is extremely rugged and well suited for
harsh environments and extended temperatures. Devices are fully specified for
0 to +50°C operation.
All models operate from a single +5V supply and typically consume 500mW. Low-
power models, whose display is just as bright as standard models, typically consume
175mW. DISPLAY TEST and HOLD functions are standard on each meter, and a
complete set of BCD outputs are optional for sending data to CPU's or remote
displays.
Figure 1. DMS-40PC Series Simplified Schematic
DMS-40PC Series
Actual Size
(+) INPUT HI
(–) INPUT LO
ANALOG
COMMON
DP4
REFERENCE IN/OUT
+5V SUPPLY
R1
DP 1
DP 2
DP 3
6
5
4
9
11
12
10
8
7
1
3
DC/DC
CONVERTER
2
5V RETURN
+5V
–5V
+5V
2.5V
REF.
R2
DATA
V+
V–
A/D
CONVERTER
0 Vdc
0.01µF
DISPLAY HOLD
DISPLAY TEST
R2 is not used on ±2V (-1) models.
R2 = 101k on ±20V (-2) models and 9.2k on ±200V (-3) models.
909k
1
1
®®
www.datel.com


Similar Part No. - DMS-EB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DMS-EB MURATA-DMS-EB Datasheet
282Kb / 4P
Multi-Purpose Application Board for DMS-30 & DMS-40 Series Meters
logo
Murata Power Solutions ...
DMS-EB-AC/DC-C MURATA-PS-DMS-EB-AC/DC-C Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-EB-AC/DC-C MURATA-PS-DMS-EB-AC/DC-C Datasheet
277Kb / 6P
3½ Digit, LCD Display Digital Panel Voltmeters
2015
DMS-EB-AC/DC-C MURATA-PS-DMS-EB-AC/DC-C Datasheet
288Kb / 6P
3½ Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
2015
DMS-EB-C MURATA-PS-DMS-EB-C Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
More results

Similar Description - DMS-EB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS30PC ETC-DMS30PC Datasheet
155Kb / 6P
3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
4쩍 Digit, LED Display Digital Panel Voltmeters
DMS-30194 MURATA-PS-DMS-30194 Datasheet
208Kb / 2P
Alternate Source for DP-650 Series, 3쩍 Digit LCD DIsplay Digital Panel Voltmeters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com