Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP03083 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03083
Description  SAW Filter 881.5MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03083 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03083 Datasheet HTML 1Page - Golledge Electronics Ltd MP03083 Datasheet HTML 2Page - Golledge Electronics Ltd MP03083 Datasheet HTML 3Page - Golledge Electronics Ltd MP03083 Datasheet HTML 4Page - Golledge Electronics Ltd MP03083 Datasheet HTML 5Page - Golledge Electronics Ltd MP03083 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 881.5MHz
Model: TA0626A
Part No: MP03083
Rev No: 2
TA0626A v2
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 3V
3. Operating Temperature: -25°C to 75°C
4. Storage Temperature: -40°C to +85°C
B. CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center Frequency Fc
MHz
-
881.5
-
Insertion loss (866.5 ~ 896.5MHz) IL
dB
-
3.0
4.0
Amplitude ripple (866.5 ~ 896.5MHz)
dB
0.8
2.0
VSWR (866.5 ~ 896.5MHz)
1.5
2.2
Rejection (referent to 0dB)
DC ~ 696MHz
dB
50
58
-
956 ~ 980MHz
dB
38
46
-
980 ~ 1500MHz
dB
50
57
-
1500 ~ 2000MHz
dB
30
45
-
Note: No matching network required for operation at 50
C. MEASUREMENT CIRCUIT:
50
Ω
HP Network analyzer
50
Ω
SAW Filter
B
E
A, C, D, F


Similar Part No. - MP03083

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03081 GOLLEDGE-MP03081 Datasheet
253Kb / 6P
SAW Filter 960MHz
MP03082 GOLLEDGE-MP03082 Datasheet
207Kb / 6P
SAW Filter 1960MHz
MP03084 GOLLEDGE-MP03084 Datasheet
121Kb / 6P
SAW Filter 1575.42MHz
More results

Similar Description - MP03083

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS881.5W01-TS4 ABRACON-AFS881.5W01-TS4 Datasheet
181Kb / 1P
SMD 881.5MHz SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0233A TAI-SAW-TA0233A Datasheet
749Kb / 6P
SAW Filter 881.5MHz
TA0626A TAI-SAW-TA0626A Datasheet
315Kb / 7P
SAW Filter 881.5MHz SMD 3.0횞3.0mm
TA1132A TAI-SAW-TA1132A Datasheet
415Kb / 7P
SAW Filter 881.5MHz
logo
SIPAT Co,Ltd
LBT88203 SIPAT-LBT88203 Datasheet
195Kb / 3P
881.5MHz SAW Filter 25MHz Bandwidth
LBT88203 SIPAT-LBT88203 Datasheet
195Kb / 3P
881.5MHz SAW Filter 25MHz Bandwidth
LBT88204 SIPAT-LBT88204 Datasheet
358Kb / 3P
881.5MHz SAW Filter 25MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0166A TAI-SAW-TA0166A Datasheet
194Kb / 7P
SAW Filter 881.5MHz For Mobile Communication
TA0571A TAI-SAW-TA0571A Datasheet
423Kb / 7P
SAW Filter 881.5MHz
logo
Golledge Electronics Lt...
MA05677 GOLLEDGE-MA05677 Datasheet
201Kb / 5P
SAW Filter 881.5MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com