Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858PCB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9858PCB
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858PCB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9858PCB Datasheet HTML 5Page - Analog Devices AD9858PCB Datasheet HTML 6Page - Analog Devices AD9858PCB Datasheet HTML 7Page - Analog Devices AD9858PCB Datasheet HTML 8Page - Analog Devices AD9858PCB Datasheet HTML 9Page - Analog Devices AD9858PCB Datasheet HTML 10Page - Analog Devices AD9858PCB Datasheet HTML 11Page - Analog Devices AD9858PCB Datasheet HTML 12Page - Analog Devices AD9858PCB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD9858
Rev. A | Page 9 of 32
Pin No.
Mnemonic
I/O
Description
71
DIV
I
Phase Frequency Detector Feedback Input.
72
DIV
I
Phase Frequency Detector Feedback Complementary Input. Note that when the DIV port is
operated in single-ended mode, DIV should be decoupled to AVDD with a 0.1 µF capacitor.
78
DACBP
DAC Baseline Decoupling Pin, Typically Bypassed to Pin 77 with a 0.1 µF Capacitor.
79
DACISET
I
A Resistor Connected from DACISET to AGND Establishes the Reference Current for the DAC.
81, 82
IOUT
O
DAC Output.
83, 84
IOUT
O
DAC Complementary Output.
91
SPSELECT
I
I/O Port Serial/Parallel Programming Mode Select Pin. Logic 0: serial programming mode.
Logic 1: parallel programming mode.
92
RESET
I
Active High Hardware Reset Pin. Assertion of the RESET pin forces the AD9858 to its default
operating conditions.
97, 98
PS0, PS1
I
Used to Select One of the Four Internal Profiles. These pins are synchronous to the
SYNCLK output.
99
FUD
I
Frequency Update. The rising edge transfers the contents of the internal buffer registers to the
memory registers. This pin is synchronous to the SYNCLK output.
100
SYNCLK
O
Clock Output Pin that Serves as a Synchronizer for External Hardware. SYNCLK runs at REFCLK/8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com