Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSL172AT Datasheet(PDF) 13 Page - NICHIA CORPORATION

Part # NFSL172AT
Description  LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSL172AT Datasheet(HTML) 13 Page - NICHIA CORPORATION

Back Button NFSL172AT Datasheet HTML 9Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 10Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 11Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 12Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 13Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 14Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 15Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 16Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 17Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
NICHIA STS-DA1-3953D <Cat.No.181017>
12
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
NFSL172A
管理番号 No. STS-DA7-8110A
2.0
2.5
3.0
3.5
4.0
-60
-30
0
30
60
90
120
150
TaVf
0.4
0.6
0.8
1.0
1.2
1.4
-60
-30
0
30
60
90
120
150
TaIv
10
100
1000
2.0
2.5
3.0
3.5
4.0
VfIf
150
350
周囲温度-相対
束特性
Ambient Temperature vs
Relative Luminous Flux
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
100
200
300
400
IfIv
電流-相対
束特性
Forward Current vs
Relative Luminous Flux
電流
Forward Current(mA)
電圧-
電流特性
Forward Voltage vs
Forward Current
周囲温度-
電圧特性
Ambient Temperature vs
Forward Voltage
電圧
Forward Voltage(V)
周囲温度
Ambient Temperature(°C)
周囲温度
Ambient Temperature(°C)
* 本特性参考す
All characteristics shown are for reference only and are not guaranteed.
=25°C
T
A
I
FP=150mA
I
FP=150mA
T
A =25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com