Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3780EG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3780EG
Description  High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3780EG Datasheet(HTML) 2 Page - Linear Technology

  LTC3780EG Datasheet HTML 1Page - Linear Technology LTC3780EG Datasheet HTML 2Page - Linear Technology LTC3780EG Datasheet HTML 3Page - Linear Technology LTC3780EG Datasheet HTML 4Page - Linear Technology LTC3780EG Datasheet HTML 5Page - Linear Technology LTC3780EG Datasheet HTML 6Page - Linear Technology LTC3780EG Datasheet HTML 7Page - Linear Technology LTC3780EG Datasheet HTML 8Page - Linear Technology LTC3780EG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC3780
3780f
Input Supply Voltage (VIN)........................ –0.3V to 36V
Topside Driver Voltages
(BOOST1, BOOST2) .................................. –0.3V to 42V
Switch Voltage (SW1, SW2) ........................ –5V to 36V
INTVCC, EXTVCC, RUN, SS, (BOOST – SW1),
(BOOST2 – SW2), PGOOD .......................... –0.3V to 7V
PLLIN Voltage .......................................... –0.3V to 5.5V
PLLFLTR Voltage ...................................... –0.3V to 2.7V
FCB, STBYMD Voltages ....................... –0.3V to INTVCC
ITH, VOSENSE Voltages .............................. –0.3V to 2.4V
ABSOLUTE MAXIMUM RATINGS
Peak Output Current <10ms (TG1, TG2, BG1, BG2) .. 3A
INTVCC Peak Output Current ................................ 40mA
Operating Temperature Range (Note 7)
LTC3780E ........................................... – 40°C to 85°C
LTC3780I ............................................ – 40°C to 85°C
Junction Temperature (Note 2) ............................ 125°C
Storage Temperature Range .................. –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
SSOP Only ........................................................ 300°C
(Note 1)
ORDER PART
NUMBER
LTC3780EG
LTC3780IG
TJMAX = 125°C, θJA = 130°C/W
PACKAGE/ORDER INFORMATION
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
G PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
PGOOD
SS
SENSE+
SENSE–
ITH
VOSENSE
SGND
RUN
FCB
PLLFLTR
PLLIN
STBYMD
BOOST1
TG1
SW1
VIN
EXTVCC
INTVCC
BG1
PGND
BG2
SW2
TG2
BOOST2
ORDER PART
NUMBER
LTC3780EUH
LTC3780IUH
32 31 30 29 28 27 26 25
9
10 11 12
TOP VIEW
33
UH PACKAGE
32-LEAD (5mm × 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
SENSE+
SENSE–
ITH
VOSENSE
SGND
RUN
FCB
PLLFTR
SW1
VIN
EXTVCC
INTVCC
BG1
PGND
BG2
SW2
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33) IS SGND
(MUST BE SOLDERED TO PCB)
UH PART
MARKING
3780
3780I
The
● indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VOSENSE
Feedback Reference Voltage
ITH = 1.2V (Note 3)
●
0.792
0.800
0.808
V
IVOSENSE
Feedback Pin Input Current
(Note 3)
–5
–50
nA
VLOADREG
Output Voltage Load Regulation
(Note 3)
∆ITH = 1.2V to 0.7V
●
0.1
0.5
%
∆ITH = 1.2V to 1.8V
●
–0.1
–0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com