Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0734036282 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0734036282
Description  50 Ohms, FAKRA SMB Jack, Straight, for RG-316 / RG-174 Cable, Keying Option C,Blue
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0734036282 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734036282 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 11/22/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734036282
Status:
Active
Overview:
FAKRA PCB, Cable and Sealed Connection Systems
Description:
50 Ohms, FAKRA SMB Jack, Straight, for RG-316 / RG-174 Cable, Keying Option C,
Blue
Documents:
3D Model
Application Specification AS-73597-046-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73403
Overview
FAKRA PCB, Cable and Sealed Connection Systems
Product Name
FAKRA, SMB
Style
Cable
Type
Subminiature
UPC
887191449609
Wire/Cable Type
RG-174, RG-316
Physical
Gender
Jack
Keying to Mating Part
Yes
Net Weight
3.021/g
Orientation
Straight
PCB Mounting
N/A
Packaging Type
Bag
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Frequency
6 GHz
Impedance
50Ω
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-73597-046-001
Sales Drawing
SD-73403-628
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per
-ED/01/2018 (15
January 2018)
Halogen-Free
Status
Not Low-Halogen
For more information, please visit Contact US
China ROHS
50 Image
ELV
Not Relevant
RoHS Phthalates
Not Relevant
Search Parts in this Series
73403 Series
This document was generated on 11/22/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0734036282

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734036282 MOLEX11-0734036282 Datasheet
43Kb / 1P
50 Ohms, FAKRA II SMB Jack, Keying Option C, Blue
0734036282 MOLEX-0734036282_V01 Datasheet
46Kb / 1P
50 Ohms, FAKRA SMB Jack, Straight, for RG-316 / RG-174 Cable, Keying Option C, Blue
More results

Similar Description - 0734036282

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734036280 MOLEX1-0734036280_18 Datasheet
45Kb / 1P
50 Ohms, FAKRA SMB Jack, Straight, for RG-316 / RG-174 Cable, Keying Option A,Black
0734036286 MOLEX1-0734036286_18 Datasheet
45Kb / 1P
50 Ohms, FAKRA SMB Jack, Straight, for RG-316 / RG-174 Cable, Keying Option G,Gray
0734036290 MOLEX1-0734036290_18 Datasheet
45Kb / 1P
50 Ohms, FAKRA SMB Jack, Straight, for RG-316 / RG-174 Cable, Keying Option Z,Water Blue
0734036280 MOLEX-0734036280_V01 Datasheet
46Kb / 1P
50 Ohms, FAKRA SMB Jack, Straight, for RG-316 / RG-174 Cable, Keying Option A, Black
0734036282 MOLEX-0734036282_V01 Datasheet
46Kb / 1P
50 Ohms, FAKRA SMB Jack, Straight, for RG-316 / RG-174 Cable, Keying Option C, Blue
0734036284 MOLEX-0734036284_V01 Datasheet
46Kb / 1P
50 Ohms, FAKRA SMB Jack, Straight, for RG-316 / RG-174 Cable, Keying Option E, Green
0734036286 MOLEX-0734036286_V01 Datasheet
45Kb / 1P
50 Ohms, FAKRA SMB Jack, Straight, for RG-316 / RG-174 Cable, Keying Option G, Gray
0734036287 MOLEX-0734036287_V01 Datasheet
46Kb / 1P
50 Ohms, FAKRA SMB Jack, Straight, for RG-316 / RG-174 Cable, Keying Option H, Violet
0734036288 MOLEX-0734036288_V01 Datasheet
45Kb / 1P
50 Ohms, FAKRA SMB Jack, Straight, for RG-316 / RG-174 Cable, Keying Option I, Beige
0734036290 MOLEX-0734036290_V01 Datasheet
46Kb / 1P
50 Ohms, FAKRA SMB Jack, Straight, for RG-316 / RG-174 Cable, Keying Option Z, Water Blue
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com