Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP111 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP111
Description  Micropower Voltage Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP111 Datasheet(HTML) 1 Page - Microchip Technology

  MCP111 Datasheet HTML 1Page - Microchip Technology MCP111 Datasheet HTML 2Page - Microchip Technology MCP111 Datasheet HTML 3Page - Microchip Technology MCP111 Datasheet HTML 4Page - Microchip Technology MCP111 Datasheet HTML 5Page - Microchip Technology MCP111 Datasheet HTML 6Page - Microchip Technology MCP111 Datasheet HTML 7Page - Microchip Technology MCP111 Datasheet HTML 8Page - Microchip Technology MCP111 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2004 Microchip Technology Inc.
DS21889B-page 1
MCP111/112
Features
• Ultra-low supply current: 1.75 µA (max.)
• Precision monitoring options of:
- 1.90V, 2.32V, 2.63V, 2.90V, 2.93V, 3.08V,
4.38V and 4.63V
• Resets microcontroller in a power-loss event
•Active-low VOUT pin:
- MCP111 active-low, open-drain
- MCP112 active-low, push-pull
• Available in SOT23-3, TO-92 and SC70 packages
• Temperature Range:
- Extended: –40°C to +125°C
(except MCP1XX-195)
- Industrial: –40°C to +85°C (MCP1XX-195 only)
Applications
• Critical µC and µP Power-monitoring Applications
• Computers
• Intelligent Instruments
• Portable Battery-Powered Equipment
Block Diagram
Description
The
MCP111/112
are
voltage-detecting
devices
designed to keep a microcontroller in reset until the
system voltage has reached, and stabilized, at the
appropriate level for reliable system operation. These
devices also operate as protection from brown-out
conditions when the system supply voltage drops
below a safe operating level. The MCP111 and
MCP112 are available in eight different trip voltages.
The MCP111 has an open-drain output with an active-
low pin (VOUT). This device will assert VOUT when the
voltage on the VDD pin is below the trip-point voltage.
The MCP112 has a push-pull output and will assert an
active-low signal (VOUT pin) when the voltage on the
VDD pin is below the trip-point voltage.
During operation, the output (VOUT) remains at a logic-
high as long as VDD is greater than the specified
threshold voltage. When VDD falls below the voltage
trip point, VOUT is driven low.
Package Types
VDD
Comparator
+
Output
Driver
VOUT
Band Gap
Reference
VSS
SOT23-3/SC-70
VDD
VOUT 1
2
3
VSS
VSS
VOUT
TO-92
VDD
Micropower Voltage Detector


Similar Part No. - MCP111

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP111 MICROCHIP-MCP111 Datasheet
464Kb / 24P
Micropower Voltage Supervisors
2004
MCP111 MICROCHIP-MCP111 Datasheet
429Kb / 28P
Micropower Voltage Supervisors
2004-2013
MCP111 MICROCHIP-MCP111 Datasheet
400Kb / 26P
Micropower Voltage Detector
2004-2013
MCP111 MICROCHIP-MCP111 Datasheet
429Kb / 28P
Micropower Voltage Supervisors
11/29/12
MCP111 MICROCHIP-MCP111 Datasheet
296Kb / 26P
Micropower Voltage Detector
04/20/05
More results

Similar Description - MCP111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
CMOS Micropower Over/Under Voltage Detector
April 1999
ICL7665S INTERSIL-ICL7665S_06 Datasheet
354Kb / 14P
CMOS Micropower Over/Under Voltage Detector
April 5, 2006
logo
Microchip Technology
MCP111 MICROCHIP-MCP111_05 Datasheet
379Kb / 26P
Micropower Voltage Detector
2005
MCP111 MICROCHIP-MCP111_13 Datasheet
400Kb / 26P
Micropower Voltage Detector
2004-2013
MCP111T-240E MICROCHIP-MCP111T-240E Datasheet
296Kb / 26P
Micropower Voltage Detector
04/20/05
MCP111T-315E MICROCHIP-MCP111T-315E Datasheet
296Kb / 26P
Micropower Voltage Detector
04/20/05
MCP111T-475E MICROCHIP-MCP111T-475E Datasheet
296Kb / 26P
Micropower Voltage Detector
04/20/05
MCP111T-195I MICROCHIP-MCP111T-195I Datasheet
295Kb / 26P
Micropower Voltage Detector
04/20/05
MCP111T-300E MICROCHIP-MCP111T-300E Datasheet
383Kb / 26P
Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_16 Datasheet
396Kb / 32P
Micropower Voltage Detector
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com