Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2094792 Datasheet(PDF) 3 Page - SICK AG

Part # 2094792
Description  Plug connector cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

2094792 Datasheet(HTML) 3 Page - SICK AG

  2094792 Datasheet HTML 1Page - SICK AG 2094792 Datasheet HTML 2Page - SICK AG 2094792 Datasheet HTML 3Page - SICK AG 2094792 Datasheet HTML 4Page - SICK AG 2094792 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
YF8U14-050UA3XLEAX
Signal type
Sensor/actuator cable
Torsion force
180° / 1 m
Torsion cycles
2,000,000
Cycles per minutes
35
Application
Zones with oils and lubricants
Drag chain operation
Authorizations
UL
UL File No.
E335179
Enclosure rating
IP65 / IP66K / IP67
Ambient operating temperature
Flexible use –25 °C ... +80 °C
Stationary position –40 °C ... +80 °C
Drag chain operation –25 °C ... +80 °C
Head –25 °C ... +85 °C
Contamination rating
3
Insulation resistance
100 MΩ
Overvoltage category
III
Specific insulation resistance
30 mΩ
Classifications
ECl@ss 6.0
27279218
ECl@ss 7.0
27279218
ECl@ss 8.0
27279218
ECl@ss 9.0
27060311
Dimensional drawing (Dimensions in mm (inch))
L
32 (1.26)
20 (0.79)
4/BK
2/WH
1/BN
3/BU
2018-11-27 23:39:06 | Online data sheet
Subject to change without notice
| SICK
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com