Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS-A3913RI Datasheet(PDF) 1 Page - LUMEX INC.

Part # LDS-A3913RI
Description  585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

LDS-A3913RI Datasheet(HTML) 1 Page - LUMEX INC.

  LDS-A3913RI Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - LDS-A3913RI

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LDS-A3914RI LUMEX-LDS-A3914RI Datasheet
70Kb / 1P
635nm RED CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDS-A3916RI LUMEX-LDS-A3916RI Datasheet
70Kb / 1P
660nm RED CHIPS, GRAY FACE WITH WHITE SEGMENTS
More results

Similar Description - LDS-A3913RI

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LDD-E303NI LUMEX-LDD-E303NI Datasheet
77Kb / 1P
585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDS-C403RI LUMEX-LDS-C403RI Datasheet
44Kb / 1P
585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDS-C413BI LUMEX-LDS-C413BI Datasheet
76Kb / 1P
585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDS-C503RI LUMEX-LDS-C503RI Datasheet
75Kb / 1P
585nm YELLOW CHIPS, GRAY FACE, WHITE SEGMENTS
LDS-C813RI LUMEX-LDS-C813RI Datasheet
75Kb / 1P
585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDD-F303NI LUMEX-LDD-F303NI Datasheet
80Kb / 1P
585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDQ-A513RI LUMEX-LDQ-A513RI Datasheet
63Kb / 1P
585nm YELLOW CHIPS, GRAY FACE, WHITE SEGMENTS
LDS-A303RI LUMEX-LDS-A303RI Datasheet
58Kb / 1P
585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDS-A323RI LUMEX-LDS-A323RI Datasheet
77Kb / 1P
585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDS-A353RI LUMEX-LDS-A353RI Datasheet
78Kb / 1P
585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com