Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5696R Datasheet(PDF) 21 Page - Analog Devices

Part # AD5696R
Description  Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5696R Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5696R Datasheet HTML 17Page - Analog Devices AD5696R Datasheet HTML 18Page - Analog Devices AD5696R Datasheet HTML 19Page - Analog Devices AD5696R Datasheet HTML 20Page - Analog Devices AD5696R Datasheet HTML 21Page - Analog Devices AD5696R Datasheet HTML 22Page - Analog Devices AD5696R Datasheet HTML 23Page - Analog Devices AD5696R Datasheet HTML 24Page - Analog Devices AD5696R Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Data Sheet
AD5696R/AD5695R/AD5694R
Rev. D | Page 21 of 29
SERIAL OPERATION
The AD5696R/AD5695R/AD5694R each have a 7-bit slave
address. The five MSBs are 00011 and the two LSBs (A1, A0)
are set by the state of the A0 and A1 address pins. The ability
to make hardwired changes to A0 and A1 allows the user to
incorporate up to four of these devices on one bus, as outlined
in Table 9.
Table 9. Device Address Selection
A0 Pin Connection
A1 Pin Connection
A0
A1
GND
GND
0
0
VLOGIC
GND
1
0
GND
VLOGIC
0
1
VLOGIC
VLOGIC
1
1
The 2-wire serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a start
condition when a high-to-low transition on the SDA line
occurs while SCL is high. The following byte is the address
byte, which consists of the 7-bit slave address. The slave
address corresponding to the transmitted address responds
by pulling SDA low during the 9th clock pulse (this is
termed the acknowledge bit). At this stage, all other devices
on the bus remain idle while the selected device waits for
data to be written to, or read from, its shift register.
2. Data is transmitted over the serial bus in sequences of nine
clock pulses (eight data bits followed by an acknowledge
bit). The transitions on the SDA line must occur during
the low period of SCL and remain stable during the high
period of SCL.
3. When all data bits have been read or written, a stop
condition is established. In write mode, the master pulls
the SDA line high during the 10th clock pulse to establish
a stop condition. In read mode, the master issues a no
acknowledge for the 9th clock pulse (that is, the SDA line
remains high). The master then brings the SDA line low
before the 10th clock pulse, and then high during the 10th
clock pulse to establish a stop condition.
WRITE OPERATION
When writing to the AD5696R/AD5695R/AD5694R, the user
must begin with a start command followed by an address byte
(R/W = 0), after which the DAC acknowledges that it is
prepared to receive data by pulling SDA low. The AD5696R/
AD5695R/AD5694R require two bytes of data for the DAC
and a command byte that controls various DAC functions.
Three bytes of data must, therefore, be written to the DAC with
the command byte followed by the most significant data byte
and the least significant data byte, as shown in Figure 50. All
these data bytes are acknowledged by the AD5696R/AD5695R/
AD5694R. A stop condition follows.
Figure 50. I2C Write Operation
FRAME 2
COMMAND BYTE
FRAME 1
SLAVE ADDRESS
1
9
9
1
SCL
START BY
MASTER
ACK. BY
AD5696R/AD5695R/AD5694R
ACK. BY
AD5696R/AD5695R/AD5694R
SDA
R/W
DB23
A0
A1
1
0
0
0
1
DB22 DB21
DB20
DB19 DB18
DB17
DB16
1
9
9
1
ACK. BY
AD5696R/AD5695R/AD5694R
ACK. BY
AD5696R/AD5695R/AD5694R
FRAME 4
LEAST SIGNIFICANT
DATA BYTE
FRAME 3
MOST SIGNIFICANT
DATA BYTE
STOP BY
MASTER
SCL
(CONTINUED)
SDA
(CONTINUED)
DB15
DB14
DB13 DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com