Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJSL172AT Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NJSL172AT
Description  WHITE LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSL172AT Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NJSL172AT Datasheet HTML 3Page - NICHIA CORPORATION NJSL172AT Datasheet HTML 4Page - NICHIA CORPORATION NJSL172AT Datasheet HTML 5Page - NICHIA CORPORATION NJSL172AT Datasheet HTML 6Page - NICHIA CORPORATION NJSL172AT Datasheet HTML 7Page - NICHIA CORPORATION NJSL172AT Datasheet HTML 8Page - NICHIA CORPORATION NJSL172AT Datasheet HTML 9Page - NICHIA CORPORATION NJSL172AT Datasheet HTML 10Page - NICHIA CORPORATION NJSL172AT Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
NICHIA STS-DA1-3955D <Cat.No.181017>
6
SOLDERING
• Recommended Reflow Soldering Condition(Lead-free Solder)
120sec Max
Pre-heat
180 to 200°C
260°CMax
10sec Max
60sec Max
Above 220°C
1 to 5°C per sec
• Recommended Hand Soldering Condition
Temperature
350°C Max
Soldering Time
3sec Max
● Recommended Soldering Pad Pattern
(単位 Unit: mm)
0.5
3.6
* This LED is designed to be reflow soldered to a PCB. If dip soldered, Nichia will not guarantee its reliability.
* Reflow soldering must not be performed more than twice. Hand soldering must not be performed more than once.
* When cooling the LEDs from the peak temperature a gradual cooling slope is recommended; do not cool the LEDs rapidly.
* During reflow soldering, the heat and atmosphere in the reflow oven may cause the optical characteristics to degrade. In particular,
reflow soldering performed with an air atmosphere may have a greater negative effect on the optical characteristics than if a
nitrogen atmosphere is used; Nichia recommends using a nitrogen reflow atmosphere.
* This LED uses a silicone resin for the encapsulating resin; the silicone resin is soft. If pressure is applied to the silicone resin, it
may cause the resin to be damaged, chipped, delaminated and/or deformed. If the resin is damaged, chipped, delaminated
and/or deformed, it may cause the wire to break causing a catastrophic failure (i.e. the LED not to illuminate) and/or reliability
issues (e.g. the LED to corrode and/or to become dimmer, the color/directivity to change, etc.). Ensure that pressure is not
applied to the encapsulating resin.
* Once the LEDs have been soldered to a PCB, it should not be repaired/reworked. If it must be done, using a double-head soldering
iron is strongly recommended. Ensure that sufficient verification is performed prior to use to ensure that the repair/rework has
not caused the LED characteristics to deteriorate.
* When soldering, do not apply stress to the LED while the LED is hot.
* When using an automatic pick-and-place machine, choose an appropriate nozzle for this LED. Using a pick-and-place nozzle with
a smaller diameter than the size of the LED's emitting surface will cause damage to the emitting surface causing a catastrophic
failure (i.e. the LED not to illuminate).
* The soldering pad pattern above is a general recommendation for LEDs to be mounted without issues; if a high degree of precision
is required for the chosen application (i.e. high-density mounting), ensure that the soldering pad pattern is optimized.
* Consider factors such as the reflow soldering temperature, hand soldering temperature, etc. when choosing the solder.
* When flux is used, it should be a halogen free flux. Ensure that the manufacturing process is not designed in a manner where the
flux will come in contact with the LEDs.
* Ensure that there are no issues with the type and amount of solder that is being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com