Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJSW172BT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NJSW172BT
Description  WHITE LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSW172BT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NJSW172BT Datasheet HTML 1Page - NICHIA CORPORATION NJSW172BT Datasheet HTML 2Page - NICHIA CORPORATION NJSW172BT Datasheet HTML 3Page - NICHIA CORPORATION NJSW172BT Datasheet HTML 4Page - NICHIA CORPORATION NJSW172BT Datasheet HTML 5Page - NICHIA CORPORATION NJSW172BT Datasheet HTML 6Page - NICHIA CORPORATION NJSW172BT Datasheet HTML 7Page - NICHIA CORPORATION NJSW172BT Datasheet HTML 8Page - NICHIA CORPORATION NJSW172BT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NICHIA STS-DA1-4470C <Cat.No.181016>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
450
mA
Pulse Forward Current
IFP
900
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
1.53
W
Operating Temperature
Topr
-40~125
°C
Storage Temperature
Tstg
-40~125
°C
Junction Temperature
TJ
150
°C
* Absolute Maximum Ratings at TS=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=350mA
3.1
-
V
Luminous Flux
Φv
IF=350mA
135
-
lm
Chromaticity Coordinate
x
-
IF=350mA
0.331
-
-
y
IF=350mA
0.338
-
Thermal Resistance
RθJS_real
-
10.1
12.3
°C/W
RθJS_el
-
6.2
7.6
* Characteristics at TS=25°C.
* Luminous Flux value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* Thermal resistance values (RθJS_real) determined by considering the energy conversion efficiency(ηe=38%). Refer to JESD51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com