Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSC063AT Datasheet(PDF) 13 Page - NICHIA CORPORATION

Part # NSSC063AT
Description  BLUE LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSC063AT Datasheet(HTML) 13 Page - NICHIA CORPORATION

Back Button NSSC063AT Datasheet HTML 9Page - NICHIA CORPORATION NSSC063AT Datasheet HTML 10Page - NICHIA CORPORATION NSSC063AT Datasheet HTML 11Page - NICHIA CORPORATION NSSC063AT Datasheet HTML 12Page - NICHIA CORPORATION NSSC063AT Datasheet HTML 13Page - NICHIA CORPORATION NSSC063AT Datasheet HTML 14Page - NICHIA CORPORATION NSSC063AT Datasheet HTML 15Page - NICHIA CORPORATION NSSC063AT Datasheet HTML 16Page - NICHIA CORPORATION NSSC063AT Datasheet HTML 17Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
NICHIA STS-DA1-2796B <Cat.No.180727>
12
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
NSSC063A
STS-DA7-4550
管理番号
No.
449
451
453
455
457
459
461
10
100
1000
IfλD
449
451
453
455
457
459
461
-60 -40 -20
0
20
40
60
80 100 120
TaλD
50mA
IFP=
順電流-主波長特性
Forward Current vs
Dominant Wavelength
順電流
Forward Current(mA)
周囲温度-主波長特性
Ambient Temperature vs
Dominant Wavelength
周囲温度
Ambient Temperature(°C)
0.01
0.02
0.03
0.04
0.05
0.06
0.13
0.14
0.15
0.16
0.17
0.18
Ifxy
10mA(456nm)
50mA(455nm)
280mA(454nm)
x
順電流-色度(主波長)特性
Forward Current vs
Chromaticity Coordinate(λd)
T
A=25°C
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.
T
A=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com