Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSM438AT Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NSSM438AT
Description  FULL COLOR LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM438AT Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NSSM438AT Datasheet HTML 3Page - NICHIA CORPORATION NSSM438AT Datasheet HTML 4Page - NICHIA CORPORATION NSSM438AT Datasheet HTML 5Page - NICHIA CORPORATION NSSM438AT Datasheet HTML 6Page - NICHIA CORPORATION NSSM438AT Datasheet HTML 7Page - NICHIA CORPORATION NSSM438AT Datasheet HTML 8Page - NICHIA CORPORATION NSSM438AT Datasheet HTML 9Page - NICHIA CORPORATION NSSM438AT Datasheet HTML 10Page - NICHIA CORPORATION NSSM438AT Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NICHIA STS-DA1-4915C <Cat.No.181003>
6
TAPE AND REEL DIMENSIONS
Nxxx438x
STS-DA7-12242
テーピング部
Tape
2±0.05
4±0.1
4±0.1
-0
Φ
1.5+0.1
(単位 Unit: mm)
管理番号
No.
リール部
Reel
Φ
0.8±0.05
Cathode Mark
トレーラ部
/リーダ部 Trailer and Leader
トップカバーテープ
引き出し方向
Embossed Carrier Tape
エンボスキャリアテープ
Top Cover Tape
Feed
Direction
リーダ部最小
400mm
Leader without Top Cover Tape 400mm MIN
トレーラ部最小
160mm(空部)
Trailer 160mm MIN(Empty Pockets)
LED装着部
Loaded Pockets
引き出し部最小
100mm(空部)
Leader with Top Cover Tape
100mm MIN(Empty Pocket)
* 数量は1リールにつき 2000個入りです。
Reel Size: 2000pcs
* 実装作業の中断などでエンボスキャリアテープをリールに巻き取る場合、
エンボスキャリアテープを強く
(10N以上)締めないで下さい。
LEDがカバーテープに貼り付く可能性があります。
When the tape is rewound due to work interruptions,
no more than 10N should be applied to
the embossed carrier tape.
The LEDs may stick to the top cover tape.
180+0
-3
ラベル
Label
15.4±1
13+1
-0
0.3±0.05
1.95±0.1
1.75±0.1
(0.08 クロスバー凹部)
(0.08 Crossbar Recess)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com