Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5145B Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5145B
Description  Bus Terminal Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5145B Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5145B Datasheet HTML 1Page - PHOENIX CONTACT 5145B Datasheet HTML 2Page - PHOENIX CONTACT 5145B Datasheet HTML 3Page - PHOENIX CONTACT 5145B Datasheet HTML 4Page - PHOENIX CONTACT 5145B Datasheet HTML 5Page - PHOENIX CONTACT 5145B Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5145B
1
IBS ST (ZF) 24 BKM-T
01/2000
Data Sheet 5145B
Figure 1 IBS ST 24 BKM-T module
This data sheet is intended to be used
in conjunction with the
IBS SYS PRO UM E User Manual.
Ground the mounting rail. The module
is grounded by snapping it onto the
mounting rail.
Terminal Assignment
Local Diagnostic and Status Indicators
Bus connection with remote bus
cable: The remote bus cable must be
fitted with the MINI-COMBICON male
connectors supplied with the module.
Plug the connectors into the corresponding
terminal strips (Figure 2), the keying tabs point
towards the front plate of the bus terminal.
REMOTE IN designates the incoming remote
bus, REMOTE OUT the outgoing remote bus.
The module supply voltage US must be provided
via bus terminal contacts 1 (+) and 5 (-), as it is
not supplied via the bus cable.
RE M O T E I N
RE M O T E O U T
Bu s T e r m i n a l
I B S ST 2 4 BK M - T
O r d. N o. : 275015 4
M odul e I dent . : 0 8
UL
RC
BA
E
LD
RD
514 5 B 001
Terminal Assignment
1
Supply voltage for the module
5
Ground contact of the module
Des.
Color Meaning
UL
Green Supply voltage for the
electronics module
RC
Green Incoming remote bus cable
check
BA
Green Remote bus active
E
Red
Error in the ST compact
station (local bus group)
LD
Red
ST compact station (local bus
group) disconnected
RD
Red
Remote bus out disconnected
5145B000
Bus Terminal Module


Similar Part No. - 5145B

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5145 POMONA-5145 Datasheet
24Kb / 1P
Incapsulated Double Banana Plug Shorting Bar
logo
Schurter Inc.
5145 SCHURTER-5145 Datasheet
1Mb / 6P
IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45
5145 SCHURTER-5145 Datasheet
805Kb / 8P
IEC Appliance Inlet C14 or C18 with Filter, Circuit Breaker TA45
5145 SCHURTER-5145 Datasheet
1,003Kb / 11P
IEC Appliance Inlet C14 or C18 with Filter, Circuit Breaker TA45
5145 SCHURTER-5145 Datasheet
1,003Kb / 11P
IEC Appliance Inlet C14 or C18 with Filter, Circuit Breaker TA45
04.01.2022
More results

Similar Description - 5145B

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA28139 DYNEX-MA28139 Datasheet
416Kb / 34P
OBDH Bus Terminal
logo
PHOENIX CONTACT
2752932 PHOENIX-2752932 Datasheet
128Kb / 8P
Bus Terminal Module With Remote Bus Branch
2754341 PHOENIX-2754341 Datasheet
185Kb / 8P
Bus Terminal Module
logo
Festo Corporation.
4080496 FESTO-4080496 Datasheet
75Kb / 2P
Bus module
4080497 FESTO-4080497 Datasheet
75Kb / 2P
Bus module
4080498 FESTO-4080498 Datasheet
76Kb / 2P
Bus module
4080499 FESTO-4080499 Datasheet
76Kb / 2P
Bus module
logo
Pepperl+Fuchs Inc.
FB9294B PF-FB9294B Datasheet
484Kb / 4P
Bus Termination Module
FB9295B PF-FB9295B Datasheet
428Kb / 3P
Bus Termination Module
FB9295B3 PF-FB9295B3 Datasheet
653Kb / 2P
Bus Termination Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com