Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5658 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 5658
Description  Inline Segment Terminal With Fuse and Diagnostics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5658 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  5658 Datasheet HTML 1Page - PHOENIX CONTACT 5658 Datasheet HTML 2Page - PHOENIX CONTACT 5658 Datasheet HTML 3Page - PHOENIX CONTACT 5658 Datasheet HTML 4Page - PHOENIX CONTACT 5658 Datasheet HTML 5Page - PHOENIX CONTACT 5658 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IB IL 24 SEG/F-D ...
5658_en_03
PHOENIX CONTACT
2
Ordering Data
Technical Data
Products
Description
Type
Order No.
Pcs./Pck.
Inline Segment terminal with fuse and diagnostics; without accessories
transmission speed of 500 kbps
IB IL 24 SEG/F-D
2836683
1
Inline Segment terminal with fuse and diagnostics;
complete with accessories (connector and labeling field);
transmission speed of 500 kbps
IB IL 24 SEG/F-D-PAC
2861904
1
Inline Segment terminal with fuse and diagnostics; without accessories
transmission speed of 2 Mbps
IB IL 24 SEG/F-D-2MBD
2855033
1
Inline Segment terminal with fuse and diagnostics;
complete with accessories (connector and labeling field);
transmission speed of 2 Mbps
IB IL 24 SEG/F-D-2MBD-PAC
2861946
1
One of the connectors listed below is needed for the complete fitting of the IB IL 24 SEG/F-D and IB IL 24 SEG/F-D-2MBD terminals.
Accessories
Description
Type
Order No.
Pcs./Pkt
Connector (black, w/o color print)
IB IL SCN-PWR IN
2727462
10
Connector (black, with color print)
IB IL SCN-PWR IN-CP
2727637
10
Fuse
SI 5 x20 6,300 A T
5030512
10
Documentation
Description
Type
Order No.
Pcs./Pkt
"Configuring and Installing the INTERBUS Inline Product Range"
user manual
IB IL SYS PRO UM E
2743048
1
"Automation Terminals of the Inline Product Range" user manual
IL SYS INST UM E
2698737
1
General Data
Housing dimensions (width x height x depth)
12.2 mm x 120 mm x 71.5 mm
Weight
44 g, approximately (without connector), 59 g, approximately (with connector)
Operating mode
Process data mode with 2 bits
Ambient temperature (operation)
-25°C to +55°C
Ambient temperature (storage/transport)
-25°C to +85°C
Permissible humidity (operation/storage/transport)
10% to 95%, according to DIN EN 61131-2
Air pressure (operation/storage/transport)
70 kPa to 106 kPa (up to 3000 m above sea level)
Degree of protection
IP20 according to IEC 60529
Protection class
Class 3 according to VDE 0106, IEC 60536
Connection data for Inline connector
Connection method
Spring-cage terminals
Conductor cross section
0.2 mm2 to 1.5 mm2 (solid or stranded), 24 - 16 AWG
Interface
Local bus
Through data routing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com