Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1040F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MBR1040F
Description  10Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MBR1040F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MBR1040F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MBR1040F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MBR1040F~MBR10200F
Voltage 40V~ 200V
10Amp Schottky Barrier Rectifiers
25-May-2018 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
2
2
2
2
3
3
3
3
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
Flame Retardant Epoxy Molding Compound
Metal Silicon Junction, Majority Carrier Conduction
Low Power Loss, High Efficiency
High current capability
For Use In Low Voltage, High Frequency Inverters
Free Wheeling, and Polarlity Protection Applications
MECHANICAL DATA
Case: ITO-220J Molded Plastic
Terminals: Solder Plated, Solderable Per MIL-STD-750
Method 2026
Polarity: As Marked
Mounting Position: Any
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Ratings
Parameter
Symbol
MBR
1040F
MBR
1060F
MBR
10100F
MBR
10150F
MBR
10200F
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
40
60
100
150
200
V
Maximum RMS Voltage
VRMS
28
42
70
105
140
V
Maximum DC Blocking Voltage
VDC
40
60
100
150
200
V
Maximum Average Forward Current
IF(AV)
10
A
Peak Forward Surge Current @8.3ms Single
Half Sine-Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
100
110
A
Maximum Forward Voltage @5A Per Leg
VF
0.7
0.8
0.85
0.92
V
TJ=25°C
0.05
0.02
Maximum DC Reverse Current
@Rated DC Blocking Voltage
TJ=125°C
IR
20
mA
Typical Thermal Resistance
RθJC
4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55~150
°C
Part Number
Type
MBR1040F~MBR10200F
Lead (Pb)-free
MBR1040F-C~MBR10200F-C
Lead (Pb)-free and Halogen-free
A
M
J
K
L
L
G
F
B
N
D
E
C
H
ITO-220J
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.5
15.5
H
3.8 TYP.
B
9.5
10.5
J
1.30 REF.
C
13.20 REF.
K
0.3
0.9
D
4.24
4.84
L
2.54 REF.
E
2.52
3.20
M
2.70 REF.
F
2.50
2.90
N
φ 3.5 REF.
G
0.47
0.75


Similar Part No. - MBR1040F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1040F MCC-MBR1040F Datasheet
382Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Pan Jit International I...
MBR1040F PANJIT-MBR1040F Datasheet
96Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR1040F MCC-MBR1040F Datasheet
99Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR1040F KERSEMI-MBR1040F Datasheet
1Mb / 2P
Low Power Loss
MBR1040F KERSEMI-MBR1040F Datasheet
1Mb / 2P
Low Forward Voltage , High Current Capability
More results

Similar Description - MBR1040F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM10200DS1 SECOS-SM10200DS1 Datasheet
190Kb / 2P
10Amp. Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
MBR1060E3 CYSTEKEC-MBR1060E3 Datasheet
157Kb / 4P
10Amp. Schottky Barrier Rectifiers
MBR1060FP CYSTEKEC-MBR1060FP Datasheet
161Kb / 4P
10Amp. Schottky Barrier Rectifiers
MBR10100FP CYSTEKEC-MBR10100FP Datasheet
389Kb / 7P
10Amp. Schottky Barrier Rectifiers
MBR10150E3 CYSTEKEC-MBR10150E3 Datasheet
159Kb / 4P
10Amp. Schottky Barrier Rectifiers
MBR10200FP CYSTEKEC-MBR10200FP Datasheet
377Kb / 7P
10Amp. Schottky Barrier Rectifiers
MBR10200J3 CYSTEKEC-MBR10200J3 Datasheet
386Kb / 8P
10Amp. Schottky Barrier Rectifiers
SK1040J3 CYSTEKEC-SK1040J3 Datasheet
250Kb / 6P
10Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM1020D SECOS-SM1020D_15 Datasheet
285Kb / 2P
10Amp Schottky Barrier Rectifiers
SM1060DS1 SECOS-SM1060DS1_15 Datasheet
201Kb / 2P
10Amp. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com