Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2060D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MBR2060D
Description  20Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MBR2060D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MBR2060D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MBR2060D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR2040D~MBR20200D
Voltage 40V~200V
20Amp Schottky Barrier Rectifiers
Elektronische Bauelemente
08-Feb-2018 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
Flame Retardant Epoxy Molding Compound
Metal Silicon Junction, Majority Carrier Conduction
Low Power Loss, High Efficiency
High Current Capability
For use in Low Voltage High Frequency Inverters, Free Wheeling,
and Polarity Protection Applications
MECHANICAL DATA
Case: TO-263(D
2-Pack) Molded Plastic
Terminals: Solder Plated, Solderable Per MIL-STD-750,Method 2026
PACKAGE INFORMATION
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
MBR
2040D
MBR
2060D
MBR
20100D
MBR
20150D
MBR
20200D
Maximum Recurrent Peak Reverse Voltage
VRRM
40
60
100
150
200
V
Maximum RMS Voltage
VRMS
28
42
70
105
140
V
Maximum DC Blocking Voltage
VDC
40
60
100
150
200
V
Maximum Average Forward Current
IF(AV)
20
A
Peak Forward Surge Current, @8.3ms Single
Half Sine-Wave Superimposed on Rated
Load(JEDEC Method)
IFSM
150
A
Maximum Forward Voltage @10A Per Leg
VF
0.7
0.8
0.85
0.92
V
Maximum DC Reverse Current
@Rated DC Blocking Voltage
TJ=25°C
IR
0.05
0.02
mA
TJ=125°C
20
20
Typical Thermal Resistance
RθJc
3
°C/W
Operating & Storage Temperature
TJ, TSTG
-50~150
°C
Package
MPQ
Leader Size
TO-263
0.8K
13 inch
Part Number
Type
MBR2040D~MBR20200D
Lead (Pb)-free
MBR2040D~MBR20200D-C
Lead (Pb)-free and Halogen-free
TO-263(D
2-PACK)
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.00
4.87
c2
1.07
1.65
b
0.51
1.01
b2
1.34 REF
L4
0.00
0.30
D
8.0
9.65
C
0.30
0.74
e
2.54 REF
L3
1.50 REF
L
14.6
16.1
L1
2.5 REF
L2
1.27 REF
E
9.60
10.67


Similar Part No. - MBR2060D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MBR2060D1 SECOS-MBR2060D1 Datasheet
175Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
MBR2060D1-C SECOS-MBR2060D1-C Datasheet
175Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
MBR2060DC YFWDIODE-MBR2060DC Datasheet
865Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MBR2060DC ZSELEC-MBR2060DC Datasheet
147Kb / 2P
20.0A SCHOTTKY BARRIER DIODE
logo
Shanghai Leiditech Elec...
MBR2060DC LEIDITECH-MBR2060DC Datasheet
858Kb / 3P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR2060D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SS2020 SECOS-SS2020 Datasheet
174Kb / 2P
20AMP Schottky Barrier Rectifiers
logo
Shanghai Lunsure Electr...
MBR2020CT CHENYI-MBR2020CT Datasheet
227Kb / 2P
20Amp schottky barrier rectifier 20to100 volts
logo
Cystech Electonics Corp...
MBR20100AE3 CYSTEKEC-MBR20100AE3 Datasheet
193Kb / 5P
20Amp. Schottky Barrier Rectifiers
MBR20100AFP CYSTEKEC-MBR20100AFP Datasheet
263Kb / 5P
20Amp. Schottky Barrier Rectifiers
MBR20100BE3 CYSTEKEC-MBR20100BE3 Datasheet
152Kb / 4P
20Amp. Schottky Barrier Rectifiers
MBR20150E3 CYSTEKEC-MBR20150E3 Datasheet
243Kb / 5P
20Amp. Schottky Barrier Rectifiers
MBR20150FP CYSTEKEC-MBR20150FP Datasheet
163Kb / 4P
20Amp. Schottky Barrier Rectifiers
MBR20200E3 CYSTEKEC-MBR20200E3 Datasheet
160Kb / 4P
20Amp. Schottky Barrier Rectifiers
MBR20200FP CYSTEKEC-MBR20200FP Datasheet
221Kb / 4P
20Amp. Schottky Barrier Rectifiers
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com