Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCD054-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MSCD054-C
Description  0.5Amp Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MSCD054-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MSCD054-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MSCD054-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MSCD054-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSCD052-C~MSCD054-C
Voltage 20V~40V
0.5Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
21-Jun-2018 Rev. C
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward Voltage
MSCD052-C
VF
-
0.32
-
V
IF=0.1A
-
0.40
0.44
IF=0.5A
MSCD053-C
-
0.32
-
IF=0.1A
-
0.40
0.46
IF=0.5A
MSCD054-C
-
0.32
-
IF=0.1A
-
0.40
0.48
IF=0.5A
Repetitive Peak Reverse Current
IRRM
-
15
100
µA
VR=Max. VRRM, TA=25°C
Junction Capacitance
CJ
-
28
-
pF
VR=4V, f=1MHz
Typical Thermal Resistance
Junction-Ambient
RθJA
-
120
-
°C/W
Typical Thermal Resistance
Junction-Lead
RθJL
-
28
-
°C/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com