Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8401 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STM8401
Description  Dual Enhancement Mode Field Effect Transistor(N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8401 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STM8401 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM8401 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM8401 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8401 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8401 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8401 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8401 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM8401 Datasheet HTML 8Page - SamHop Microelectronics Corp. STM8401 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
S T M8401
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID 250uA
=
30
V
Zero Gate Voltage Drain Current
IDSS
VDS 24V, VGS 0V
=
=
1
Gate-Body Leakage
IGSS
VGS 20V, VDS 0V
=
=
100 nA
ON CHAR ACTER ISTICS b
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = 250uA
=
1
2.5
V
Drain-Source On-State R esistance
R DS(ON)
VGS 10V, ID 9A
VGS 4.5V, ID 7A
40
On-State Drain Current
ID(ON)
VDS = 10V, VGS = 10V
A
S
Forward Transconductance
FS
g
VDS 10V, ID 5A
DYNAMIC CHAR ACTER ISTICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =15V, VGS = 0V
f =1.0MHZ
P
F
P
F
P
F
SWITCHING CHAR ACTER ISTICS
c
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = 15V,
ID = 1A,
VGS = 10V,
R GEN = 6
ns
ns
ns
ns
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =15V, ID = 9A,
VGS =10V
nC
nC
nC
C
Fall Time
=
=
=
=
=
=
2
5
25
1.5
uA
m ohm
m ohm
N-Channel ELECTRICAL CHARACTERISTICS (TA 25 C unless otherwise noted)
VDS =15V, ID =9A,VGS =10V
nC
VDS =15V, ID =9A,VGS =4.5V
5
848
152
104
19.3
19
16.6
17.6
8.5
3.7
3.2
20
35
18
22.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com