Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7313 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 7313
Description  Touch panels with STN/FSTN or TFT display
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7313 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  7313 Datasheet HTML 1Page - PHOENIX CONTACT 7313 Datasheet HTML 2Page - PHOENIX CONTACT 7313 Datasheet HTML 3Page - PHOENIX CONTACT 7313 Datasheet HTML 4Page - PHOENIX CONTACT 7313 Datasheet HTML 5Page - PHOENIX CONTACT 7313 Datasheet HTML 6Page - PHOENIX CONTACT 7313 Datasheet HTML 7Page - PHOENIX CONTACT 7313 Datasheet HTML 8Page - PHOENIX CONTACT 7313 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TP 04M, TP 06M, TP 06S, TP 07T
7313_en_03
PHOENIX CONTACT
2
2Ordering data
3
Technical data
Products
Description
Type
Order No.
Pcs./Pkt.
Touch panel with integrated runtime of VISU+ visualization software
– With 3.8" FSTN display, 5 gray scales, 320 x 240 pixels
TP 04M
2985152
1
– With 5.7" FSTN display, 5 gray scales, 320 x 240 pixels
TP 06M
2985165
1
– With 5.7" C-STN display, 125 colors, 320 x 240 pixels
TP 06S
2985178
1
– With 7" TFT display, 65535 colors, 800 x 480 pixels
TP 07T
2913085
1
Documentation
Description
Type
Order No.
Pcs./Pkt.
Quick Start Guide
UM QS EN OT TP
2888903
1
Electrical data
TP 04M
TP 06M
TP 06S
TP 07T
Supply voltage
24 V DC (SELV according to DIN EN 61131)
Residual ripple
10%, maximum
Minimum voltage
18 V
Maximum voltage
30 V
Current consumption (at 24 V, typical)
0.25 A
0.25 A
0.4 A
0.6 A
Current consumption (maximum)
0.35 A
0.35 A
0.5 A
0.8 A
Connected load
6W
6W
9.6 W
19.2 W
Fuse
Semiconductor fuse, self-resetting
Protection against polarity reversal
Integrated
Ethernet
X5 Ethernet
10/100Base-T
USB
In accordance with the "Universal Serial Bus Specification Rev. 2.0"
X9, X10 host
Minimum:
Maximum:
Maximum output current:
1.5 Mbps
12 Mbps
100 mA per output
Central processing unit
Central processing unit
RISC ARM9
Clock frequency
200 MHz
Other features
Watchdog timer, realtime clock, battery monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com