Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA7660 Datasheet(PDF) 1 Page - Microchip Technology

Part # TCA7660
Description  HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCA7660 Datasheet(HTML) 1 Page - Microchip Technology

  TCA7660 Datasheet HTML 1Page - Microchip Technology TCA7660 Datasheet HTML 2Page - Microchip Technology TCA7660 Datasheet HTML 3Page - Microchip Technology TCA7660 Datasheet HTML 4Page - Microchip Technology TCA7660 Datasheet HTML 5Page - Microchip Technology TCA7660 Datasheet HTML 6Page - Microchip Technology TCA7660 Datasheet HTML 7Page - Microchip Technology TCA7660 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC7660H-2 10/1/96
EVALUATION
KIT
AVAILABLE
TC7660H
© 2001 Microchip Technology Inc.
DS21466A
HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER
FEATURES
s
Pin Compatible with 7660, High Frequency
Performance DC-to-DC Converter
s
Low Cost, Two Low Value External Capacitors
Required ........................................................ (1.0
µF)
s
Converts +5V Logic Supply to
±5V System
s
Wide Input Voltage Range .................... 1.5V to 10V
s
Voltage Conversion ........................................ 99.7%
s
Power Efficiency ................................................ 85%
s
Available in 8-Pin SOIC and 8-Pin PDIP Packages
GENERAL DESCRIPTION
The TC7660H is a pin-compatible, high frequency up-
grade to the Industry standard TC7660 charge pump volt-
age converter. It converts a +1.5V to +10V input to a
corresponding – 1.5V to – 10V output using only two low-
cost capacitors, eliminating inductors and their associated
cost, size and EMI.
The TC7660H operates at a frequency of 120kHz
(versus 10kHz for the TC7660), allowing the use of 1.0
µF
external capacitors. Oscillator frequency can be reduced
(for lower supply current applications) by connecting an
external capacitor from OSC to ground.
The TC7660H is available in 8-pin DIP and small
outline (SOIC) packages in commercial and extended
temperature ranges.
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
Temperature
Part No.
Package
Range
TC7660HCOA
8-Pin SOIC
0
°C to +70°C
TC7660HCPA
8-Pin Plastic DIP
0
°C to +70°C
TC7660HEOA
8-Pin SOIC
– 40
°C to +85°C
TC7660HEPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC7660EV
Evaluation Kit for
Charge Pump Family
TC7660H
GND
INTERNAL
VOLTAGE
REGULATOR
RC
OSCILLATOR
VOLTAGE–
LEVEL
TRANSLATOR
÷ 2
V + CAP +
82
7
6
OSC
LV
3
LOGIC
NETWORK
VOUT
5
CAP –
4
NC
CAP +
GND
CAP –
VOUT
LOW
VOLTAGE (LV)
OSC
+
V
NC
CAP +
GND
CAP –
VOUT
LOW
VOLTAGE (LV)
OSC
+
V
NC = NO INTERNAL CONNECTION
8
7
6
5
1
2
3
4
1
8
2
7
3
6
4
5
TC7660HCPA
TC7660HEPA
TC7660HCOA
TC7660HEOA
PIN CONFIGURATION (DIP and SOIC)


Similar Part No. - TCA7660

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCA700Y ETC-TCA700Y Datasheet
66Kb / 1P
regulator equivalent, voltage regulator.
TCA700Y ETC-TCA700Y Datasheet
163Kb / 1P
Speedometer and Mileage Indicator IC Kit (18-Pin Plastic Package)
logo
Siemens Semiconductor G...
TCA705 SIEMENS-TCA705 Datasheet
357Kb / 13P
IC for inductive Proximity Switches with 0.5 A Output Stage
TCA705G SIEMENS-TCA705G Datasheet
357Kb / 13P
IC for inductive Proximity Switches with 0.5 A Output Stage
logo
List of Unclassifed Man...
TCA730A ETC-TCA730A Datasheet
595Kb / 14P
D.C. VOLUME AND BALANCE STEREO CONTROL CIRCUIT
More results

Similar Description - TCA7660

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33463 ONSEMI-MC33463 Datasheet
164Kb / 12P
VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
1999 REV 1
MC33466 ONSEMI-MC33466 Datasheet
167Kb / 12P
FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER
1999 Rev 4, 08/1
MC33468 ONSEMI-MC33468 Datasheet
101Kb / 8P
VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
Rev 1, 09/1999
logo
TelCom Semiconductor, I...
TC7660H TELCOM-TC7660H Datasheet
97Kb / 6P
HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER
logo
Calogic, LLC
CLM7660 CALOGIC-CLM7660 Datasheet
110Kb / 8P
DC-to-DC Voltage Converter
logo
Microchip Technology
TC7660H MICROCHIP-TC7660H Datasheet
76Kb / 8P
HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER
2001
logo
Powerex Power Semicondu...
M57184N-715B POWEREX-M57184N-715B Datasheet
149Kb / 4P
High Voltage Input DC-to-DC Converter
M57182N-315 POWEREX-M57182N-315 Datasheet
56Kb / 4P
High Voltage Input DC-to-DC Converter
logo
MORNSUN Science& Techno...
LS03-05B05S-FPT MORNSUN-LS03-05B05S-FPT Datasheet
652Kb / 4P
HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-15B05SR2 MORNSUN-LS03-15B05SR2 Datasheet
880Kb / 5P
AC-DC(HIGH VOLTAGE DC-DC) CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com