Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TB0754B Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0754B
Description  SAW Filter 104 MHz(BW=20MHz) SMD 13.3mmX6.5mm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0754B Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0754B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0754B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0754B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0754B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0754B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0754B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0754B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 104 MHz(BW=20MHz) SMD 13.3mmX6.5mm
MODEL NO.: TB0754B
REV.1.0
A. MAXIMUM RATING:
1. Operating Temperature: -40 °C ~ +85 °C
2. Storage Temperature: -40 °C ~ +125 °C
3. Input power: 10dBm
B. Characteristics :
Ambient Temperature:
25 °C
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency
FC
MHz
-
104.0
-
-
Minimum Insertion loss
I.L.
93.2MHz ~ 113.2MHz
dB
-
10.8
15.0
-
Passband Ripple
93.2MHz ~ 113.2MHz
dB
-
0.6
1.5
-
Attenuation
10MHz ~ 86MHz
dB
122MHz ~ 200MHz
dB
40
40
52
45
-
-
-
Substrate Material
YZ-LiNbO3
-
Temp Coefficient
ppm/K
-
-94
-
-
Matching:
1.The input of the filter will be matched to 50 ohm
2.The output of the filter will be matched to 50 ohm
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device (ESD)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com