Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8PE002 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z8PE002
Description  FEATURE-ENHANCED Z8PLUS 0.5K ROM ONE-TIME PROGRAMMABLE(OTP) MICROCONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8PE002 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z8PE002 Datasheet HTML 17Page - Zilog, Inc. Z8PE002 Datasheet HTML 18Page - Zilog, Inc. Z8PE002 Datasheet HTML 19Page - Zilog, Inc. Z8PE002 Datasheet HTML 20Page - Zilog, Inc. Z8PE002 Datasheet HTML 21Page - Zilog, Inc. Z8PE002 Datasheet HTML 22Page - Zilog, Inc. Z8PE002 Datasheet HTML 23Page - Zilog, Inc. Z8PE002 Datasheet HTML 24Page - Zilog, Inc. Z8PE002 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Z8PE002
ZiLOG
Z8Plus OTP Microcontroller
DS008700-Z8X0799
P R E L I M I N A R Y
21
WATCH-DOG TIMER
The Watch-Dog Timer (WDT) is a retriggerable one-shot
16-bit timer that resets the device if it reaches its terminal
count. The WDT is driven by the XTAL2 clock pin. To pro-
vide the longer time-out periods required in applications,
the watch-dog timer is only updated every 64th clock cycle.
When operating in the RUN or HALT modes, a WDT time-
out reset is functionally equivalent to an interrupt vectoring
the PC to 0020H, and setting the WDT flag to 1. Coming
out of RESET, the WDT is fully enabled with its time-out
value set at minimum, unless otherwise programmed during
the first instruction. Subsequent executions of the WDT in-
struction reinitialize the watch-dog timer registers (C2h and
C3h
) to their initial values as defined by bits D6, D5, and
D4
of the TCTLHI register. The WDT cannot be disabled ex-
cept on the first cycle after RESET and when the device en-
ters STOP mode.
The WDT instruction should be executed often enough to
provide some margin of time to allow the WDT registers to
approach 0. Because the WDT time-out periods are rela-
tively long, a WDT RESET occurs in the unlikely event that
the WDT times out on exactly the same cycle that the WDT
instruction is executed.
RESET
clears both the WDT and SMR flags. A WDT time-
out sets the WDT flag, and the STOP instruction sets the
SMR
flag. This function enables software to determine
whether a WDT time-out or a return from STOP mode oc-
curred. Reading the WDT and SMR flags does not reset the
flag to 0; therefore, the user must clear the flag via software.
Note: Failure to clear the SMR flag can result in unexpected
behavior.
Figure 11. TCTLHI Register for Control of WDT
D7
D6
D5
D4
D3
D2
D1
D0
0C1
TCTLHI
Reserved (must be 0)
0 = STOP mode enabled
1 = STOP mode disabled*
D6 D5 D4 WDT TIMEOUT VALUE
---- ---- ---- --------------------------------
0
0
0
Disabled
0
0
1
65,536 TpC*
0
1
0
131,072 TpC
0
1
1
262,144 TpC
1
0
0
524,288 TpC
1
0
1
1,048,576 TpC
1
1
0
2,097,152 TpC
1
1
1
8,388,608 TpC
(XTAL clocks to time-out)
1 = WDT enabled in HALT mode*
0 = WDT disabled in HALT mode
*Designates the default value after RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com