Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8430 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 8430
Description  AXL E PB DI8 DO8 M12 6M
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8430 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  8430 Datasheet HTML 1Page - PHOENIX CONTACT 8430 Datasheet HTML 2Page - PHOENIX CONTACT 8430 Datasheet HTML 3Page - PHOENIX CONTACT 8430 Datasheet HTML 4Page - PHOENIX CONTACT 8430 Datasheet HTML 5Page - PHOENIX CONTACT 8430 Datasheet HTML 6Page - PHOENIX CONTACT 8430 Datasheet HTML 7Page - PHOENIX CONTACT 8430 Datasheet HTML 8Page - PHOENIX CONTACT 8430 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AXL E PB DI8 DO8 M12 6M
8430_en_03
PHOENIX CONTACT
5
Digital inputs
Number of inputs
8 (EN 61131-2 types 1 and 3)
Connection method
M12 connector, double occupancy
Connection method
2, 3, 4-wire
Nominal input voltage
24 V DC
Nominal input current
typ. 3 mA
Sensor current per channel
typ. 0.75 mA (from U
S)
Total sensor current
max. 0.6 A (per device)
Input voltage range "0" signal
-30 V DC ... 5 V DC
Input voltage range "1" signal
11 V DC ... 30 V DC
Input filter time
< 1000 µs
Permissible conductor length to the sensor
30 m
Overload protection, short-circuit protection of sensor supply
Yes
Digital outputs
Number of outputs
8
Connection method
M12 connector, double occupancy
Connection method
2, 3-wire
Nominal output voltage
24 V DC (from voltage U
A)
Maximum output current per channel
500 mA
Nominal load, ohmic
12 W (48 Ω; with nominal voltage)
Nominal load, inductive
12 VA (1.2 H; 48 Ω; with nominal voltage)
Signal delay
max. 150 µs (when switched on)
max. 200 µs (when switched off)
Switching frequency
max. 5500 per second (with at least 50 mA load current)
Switching frequency
max. 1 per second (with inductive load)
Limitation of the voltage induced on circuit interruption
-28 V ... -17 V
Output voltage when switched off
max. 1 V
Output current when switched off
max. 20 µA
Behavior with overload
Auto restart
Reverse voltage resistance to short pulses
Reverse voltage proof
Overcurrent shut-down
min. 0.7 A
Overload protection, short-circuit protection of outputs
Electronic
Configuration data
ID number
0E5E
Input address area
8 Bit
Output address area
8 Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com