Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8448 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 8448
Description  AXL E PN DIO16 M12 6P
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8448 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 8448 Datasheet HTML 9Page - PHOENIX CONTACT 8448 Datasheet HTML 10Page - PHOENIX CONTACT 8448 Datasheet HTML 11Page - PHOENIX CONTACT 8448 Datasheet HTML 12Page - PHOENIX CONTACT 8448 Datasheet HTML 13Page - PHOENIX CONTACT 8448 Datasheet HTML 14Page - PHOENIX CONTACT 8448 Datasheet HTML 15Page - PHOENIX CONTACT 8448 Datasheet HTML 16Page - PHOENIX CONTACT 8448 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AXL E PN DIO16 M12 6P
8448_en_04
PHOENIX CONTACT
13
10
PROFINET IO Device
The Axioline E PROFINET device operates as a PROFINET IO device based on PROFINET specification v2.2.
Slot 1 always contains the “Status module” with 4 bytes of IN process data . Slot 2 contains the IO module, which contains
the process data and startup parameters.
10.1
Status module
The status module cyclically provides the following diagnostics options via process data:
10.2
IO module
Configuration of digital inputs and outputs
A channel, whether an input or an output, is configured by using the IN or OUT process data according to the channel func-
tion.
Parameterization is not necessary.
Assignment of the terminal points to the IN process data
When the byte order is not reversed, the process data looks like this:
Key:
Bit 31 ... bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Supply of the module electronics, sensors, and actuators
(U
S)
Reserved
Outputs
Reserved
Undervoltage
Overload
Reserved
Overload
Short-circuit
If the channel is used as an output, the status of the channel is also mapped to the IN process data.
This can be useful, e.g., for diagnostic purposes.
If the channel is used as an input, the channel cannot simultaneously be used as an output.
Depending on the configuration, process data bytes 0 and 1 can be swapped.
Input process data
Byte
Byte 0
Byte 1
Bit
765
43
210
76
543
21
0
IN
07
06
05
04
03
02
01
00
17
16
15
14
13
12
11
10
Connection
X04
X03
X02
X01
X08
X07
X06
X05
Pin
242
42
424
24
242
42
4
DI
8
7
6
5
4
3
2
1
16
15
14
13
12
11
10
9
Bit:
Process data assignment
IN:
LED marking
DI:
Device input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com