Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8553 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 8553
Description  AXL E ETH DI8 DO4 2A M12 6P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8553 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 8553 Datasheet HTML 14Page - PHOENIX CONTACT 8553 Datasheet HTML 15Page - PHOENIX CONTACT 8553 Datasheet HTML 16Page - PHOENIX CONTACT 8553 Datasheet HTML 17Page - PHOENIX CONTACT 8553 Datasheet HTML 18Page - PHOENIX CONTACT 8553 Datasheet HTML 19Page - PHOENIX CONTACT 8553 Datasheet HTML 20Page - PHOENIX CONTACT 8553 Datasheet HTML 21Page - PHOENIX CONTACT 8553 Datasheet HTML 22Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
AXL E ETH DI8 DO4 2A M12 6P
8553_en_03
PHOENIX CONTACT
20
13.13
Figure of process data on Modbus registers 8000 and 9000
Key:
Key:
Process data input word 8000
Byte
Byte 0
Bit
7
6
543210
IN
07
06
05
04
03
02
01
00
Connection
X04
X03
X02
X01
Pin
2
4
242424
DI
87
654321
Bit:
Process data assignment
IN:
LED marking
DI:
Device input
Process data output word 9000
Byte
Byte 0
Bit
7
6
543210
OUT
----
03
02
01
00
Connection
----
X08
X07
X06
X05
Pin
----
4444
DO
----
4321
Bit:
Process data assignment
OUT:
LED marking
DO:
Device output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com