Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIF05 Datasheet(PDF) 4 Page - TEMEX

Part # CIF05
Description  Digital pulse compression module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

CIF05 Datasheet(HTML) 4 Page - TEMEX

  CIF05 Datasheet HTML 1Page - TEMEX CIF05 Datasheet HTML 2Page - TEMEX CIF05 Datasheet HTML 3Page - TEMEX CIF05 Datasheet HTML 4Page - TEMEX CIF05 Datasheet HTML 5Page - TEMEX CIF05 Datasheet HTML 6Page - TEMEX CIF05 Datasheet HTML 7Page - TEMEX CIF05 Datasheet HTML 8Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Digital pulse compression module
CI F04 / CI F05 Compressor
Oct 16
th, 2015
CI F04 / CI F05 Compressor Revision A4
4 / 8
www.rakon.com
2
Electrical Interface
Line
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Power supply
2.1
Voltage
11
26
V
2.2
Current
@ Power supply = 15 V
600
(1)
mA
RF Input signals
Refers to In_A, In_B
2.3
Maximum input level
10
dBm
2.4
Input noise floor
Inside chirp bandwidth
-130
dBm/Hz
2.5
VSWR
1.3:1
RF Output signals
Refers to Out_A, Out_B
2.6
Maximum output level
10
dBm
2.7
Output noise floor
Inside chirp bandwidth
-150
dBm/Hz
2.8
VSWR
1.3:1
RS-422 control inputs
Refers to WFMSel_A, WFMSel_B inputs
2.9
Impedance
120
Ω
2.10
Setup time
To clock rising edge
50
ns
2.11
Hold time
From clock rising edge
50
ns
1 Current highly depends on waveform characteristics (B, T, …)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com