Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHT1490J Datasheet(PDF) 1 Page - TEMEX

Part # RHT1490J
Description  Carrier Ethernet/Microwave
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RHT1490J Datasheet(HTML) 1 Page - TEMEX

  RHT1490J Datasheet HTML 1Page - TEMEX RHT1490J Datasheet HTML 2Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH FREQUENCY ULTRA STABLE TCXO 
| STRATUM 3 / IEEE 1588 / SYNCE 
 
 
www.rakon.com 
sales@rakon.com 
Page 1 of 2 
 
RHT1490J 
The RHT1490J is
 a high frequency Stratum 3 TCXO specifically designed to meet telecommunications grade stabilities at high frequencies 
with low phase jitter. This product’s frequency output enables lower system jitter, allowing communication system architects to optimise 
noise budget and performance. Having the optimal balance between close‐in phase noise and the noise floor, makes it suitable to be the 
single reference clock used for both network and air interface requirements. Its ultra‐low noise floor performance helps to achieve very low 
system clock RMS jitter levels need in high speed interfaces (40G/100G).  
Comfortably achieving Stratum 3 grade stability, its CMOS output generates < 200 fs of RMS phase jitter (12 kHz – 20 MHz), in a 14 x 9 mm 
SMD package. An ideal reference clock solution for SyncE and Packet clock requirements (ITU‐T G.813, G.8262, G.82673.2 and G8273.3), it 
also  works  with  both  discrete  and  integrated  IEEE  1588  solutions  –  providing  excellent  medium  term  stability  for  low  loop  bandwidth 
applications. 
 
Standard Specifications 
Parameter  
Min. 
Typ. 
Max. 
Unit 
Test Condition / Description  
Nominal frequency 
 
50 – 200 
 
MHz 
Standard frequencies: 98.304, 100, 125, and 
156.25 MHz  
Frequency calibration  
 
 
±1.0 
ppm 
Initial accuracy at 25°C ±2°C 
Reflow shift 
 
 
±1.0
ppm
Pre to post reflow ∆F (measured ≥ 60 minutes 
after reflow) 
Operating temperature range ‐40  
85 
°C  
Frequency stability over 
temperature 
 
 
± 0.28 
ppm 
The default reference for holdover stability, 
variable temperature is (FMAX + FMIN)/2 
Free‐run accuracy  
 
±4.6 
ppm 
Including frequency calibration, temperature, 
supply voltage & load changes and 20 years ageing 
Supply voltage stability 
 
 
±0.1 
ppm 
±5% variation, reference to frequency at 3.3 V 
Load sensitivity  
 
±0.1 
ppm 
±5 pF variation, reference to frequency at 5 pF 
Long term stability (ageing at 40°C) 
 
 
±10 
±2.5 
ppb 
ppm 
Per day, after 10 days of continuous operation 
20 years 
Acceleration sensitivity  
2  
ppb/g 
Gamma vector, 3 axes, 30 – 1500 Hz 
Start‐up time 
 
 
1 
ms 
90% amplitude 
Supply voltage (VDD )  
3.3 
2.5 
 
V 
±5%, Fn = 50 – 160 MHz  
±5%, Fn = 160 – 200 MHz 
Supply current  
 
 
14 
mA 
5 pF//1 kΩ, 100 MHz 
Oscillator output ‐ CMOS 
Output voltage level low (VOL) 
Output voltage level high (VOH) 
Rise time 
Fall time 
Duty cycle 
Load 
 
 
80% 
 
 
45 
 
 
 
 
1.2 
1.2 
 
5 
 
20% 
 
1.5 
1.5 
55 
 
VDD 
VDD 
ns 
ns 
% 
pF 
 
With capacitive load of 5pF, 100 MHz 
With capacitive load of 5pF, 100 MHz 
Measured 20% to 80% VDD , 5 pF load, 100 MHz 
Measured 80% to 20% VDD , 5 pF load, 100 MHz 
Measured at 50% VDD trigger level, 100 MHz 
 
Features 
Applications  
14.4 x 9.2 x 4.7
 mm 
Telecommunications grade Stratum 3 
stability 
Low jitter < 200 fs (12 kHz to 20 MHz) 
High frequency options from  
50 – 200 MHz 
Inherent airflow resistance 
Stratum 3 equipment 
Carrier Ethernet/Microwave 
Telecom PLLs 
ITU‐T G.813, G.8262, G.82673.2 and 
G8273.3 
Radio Head Clock Recovery  
(IEEE 1588/SyncE) 
10/25/40/100G Ethernet 
 
 
 
 


Similar Part No. - RHT1490J

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
RHT1490J RAKON-RHT1490J Datasheet
471Kb / 2P
HIGH FREQUENCY ULTRA STABLE TCXO | STRATUM 3 / IEEE 1588 / SYNCE
More results

Similar Description - RHT1490J

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF1801BT MITSUBISHI-MGF1801BT Datasheet
121Kb / 3P
TAPE CARRIER MICROWAVE POWER GaAs FET?
MGF1801BT MITSUBISHI-MGF1801BT_1 Datasheet
334Kb / 4P
TAPE CARRIER MICROWAVE POWER GaAs FET?
logo
Tyco Electronics
FDC2310 MACOM-FDC2310 Datasheet
211Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
FDC2710 MACOM-FDC2710 Datasheet
230Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
MC3013 MACOM-MC3013 Datasheet
243Kb / 3P
Open Carrier Double-Balanced Mixer For Microwave Telecommunications
logo
M/A-COM Technology Solu...
FDC2310 MA-COM-FDC2310 Datasheet
495Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
FDC2710 MA-COM-FDC2710 Datasheet
514Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
logo
MRV Communications, Inc...
9124-410G MRV-9124-410G Datasheet
2Mb / 4P
CARRIER-ETHERNET PACKET-OPTICAL AGGREGATION
9244-1210G MRV-9244-1210G Datasheet
2Mb / 4P
CARRIER-ETHERNET PACKET-OPTICAL AGGREGATION
logo
Microsemi Corporation
VSC7438-02 MICROSEMI-VSC7438-02 Datasheet
9Mb / 603P
Family of Carrier Ethernet Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com