Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIT2016C Datasheet(PDF) 1 Page - TEMEX

Part # RIT2016C
Description  HIGH STABILITY SMD 1.2V TCXO SMART GRIDS AND METERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RIT2016C Datasheet(HTML) 1 Page - TEMEX

  RIT2016C Datasheet HTML 1Page - TEMEX RIT2016C Datasheet HTML 2Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH STABILITY SMD 1.2V TCXO | SMART GRIDS AND METERS
www.rakon.com
sales@rakon.com
Page 1 of 2
RIT2016C
The low power TCXO RIT2016C employs an analogue ASIC for the oscillator and a high order temperature compensation circuit in a
2.0 x 1.6 mm size package. The device can be placed in power down mode through a single input pin. During standard operation, power
consumption is minimised by operating down to a supply voltage of 1.2 V. The high stability, low power consumption, small footprint and
powerful compensation method makes RIT2016C a TCXO ideally suited for Smart Meters and Smartphone applications.
Standard Specifications
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
Nominal frequency
19 - 40
MHz
Frequency calibration
±2
ppm
Offset from nominal frequency measured at 25°C
±2°C
Reflow shift
±1
ppm
Two consecutive reflows as per attached profile
after 2 hours relaxation at 25°C
Operating temperature range
-40
85
°C
The operating temperature range over which the
frequency stability is measured
Frequency stability
over temperature
±0.5 –
±2
ppm
Referenced to the midpoint between minimum and
maximum frequency value over the specified
temperature range1.
Control voltage set to midpoint of VC
Frequency slope
±0.05 –
±1
ppm/°C
Minimum of one frequency reading every 2°C over
the operating temperature range1
Static temperature hysteresis
0.6
ppm
Frequency change after reciprocal temperature
ramped over the operating range. Frequency
measured before and after at 25°C
Sensitivity to supply voltage
variations
±0.1
ppm
VDD varied ±5% at 25°C
Sensitivity to load variations
±0.2
ppm
±10% load change at 25°C
Long term stability
±1
ppm
Frequency drift over 1 year at 25°C
Supply voltage (VDD)
1.2
V
With a tolerance of ±5%
Supply current
2
mA
Output voltage level
0.8
V
At minimum VDD, specified for load stated in
oscillator output section at 25°C 2
Output load resistance
9
10
11
kΩ
Output load capacitance
9
10
11
pF
Power down
20% VDD
V
RF disabled (Minimum GND)
Normal operating mode
80% VDD
V
RF enabled (Maximum VDD)
Stand-by current
3
µA
Typical value <0.01 µA
Start-up time (amplitude)
1
ms
Within 90% of the minimum specified output level
Start-up time (frequency)
2
ms
Within ±2.5 ppm of steady state frequency
1 Parts should be shielded from drafts causing unexpected thermal gradients. Temperature changes due to ambient air currents on the
oscillator can lead to short term frequency drift.
2 DC coupled clipped sine-wave. External AC-Coupling capacitor required. 1 nF or greater recommended.
Features
Applications
2.0 x 1.6
mm
Low supply voltage 1.2 V
Low start up drift rate
Power down mode
Standard temperature stability of ±0.5 ppm
over wide temperature ranges
Time and frequency reference
o
Smart meters
o
Smartphone
o
Communications
o
Consumer


Similar Part No. - RIT2016C

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
RIT-1260 INTRONICS-RIT-1260 Datasheet
1Mb / 6P
High Performance STD Bus Compatible Analog I/O Subsystems
RIT-1262 INTRONICS-RIT-1262 Datasheet
1Mb / 6P
High Performance STD Bus Compatible Analog I/O Subsystems
logo
TEMEX
RIT3225B TEMEX-RIT3225B Datasheet
510Kb / 2P
HIGH STABILITY SMD TCXO GNSS AND COMMUNICATIONS
More results

Similar Description - RIT2016C

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TCO-5060 EPSONTOYOCOM-TCO-5060 Datasheet
332Kb / 2P
TCXO HIGH-STABILITY
logo
Epson Company
TG-5006CE EPSON-TG-5006CE Datasheet
393Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
logo
Skyworks Solutions Inc.
SE2431L SKYWORKS-SE2431L_15 Datasheet
1Mb / 13P
Smart meters
logo
Seiko Instruments Inc
TG1612SAN SII-TG1612SAN Datasheet
555Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
TG2016SBN SII-TG2016SBN Datasheet
648Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
TG2520SBN SII-TG2520SBN Datasheet
648Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
TG3225CEN SII-TG3225CEN Datasheet
725Kb / 2P
TCXO/VC-TCXO HIGH STABILITY, CMOS OUTPUT
logo
Advanced XTAL Products
AXLE7050A AXTAL-AXLE7050A Datasheet
201Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
logo
TEMEX
RIT3225B TEMEX-RIT3225B Datasheet
510Kb / 2P
HIGH STABILITY SMD TCXO GNSS AND COMMUNICATIONS
logo
Epson Company
TG5032CCN EPSON-TG5032CCN Datasheet
680Kb / 2P
TCXO / VC-TCXO ULTRA HIGH STABILITY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com