Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLF40 Datasheet(PDF) 1 Page - Cynergy3 Co

Part # LLF40
Description  Compact Internal Fitting, Low Level, Low S.G. Float Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

LLF40 Datasheet(HTML) 1 Page - Cynergy3 Co

  LLF40 Datasheet HTML 1Page - Cynergy3 Co LLF40 Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cynergy3.com
© 2018 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
LLF40 Series
Compact Internal Fitting, Low Level, Low S.G. Float Switch
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset
21 7
BH
PE
LLF40 2018
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
25
& 100VA versions
VA
Many variants have WRAS and/or UL approval
Class leading compact design
Very low level sensing
Suitable for low specific gravity liquids (0.7 S.G.)
Flying Lead or M12 plug connection
Available in Nylon, Polypropylene,
or
PPS
PVDF
Many variants are
recognised components File No. E171218
UL
Technical Specification
LLF43
44
48
46
47
LLF
LLF
LLF
LLF
Material
Nylon
Polypropylene
Polypropylene
Polyphenylene
Polyvinylidene
approved
approved
Sulphide (
)
Fluoride (PVDF)
WRAS
UL
PPS
Colour
Black
Opaque
White
Grey
Green
Temp. Range
C
-20 / +75
-20 / +100
-20 / +100
-10 / +120*
-10 / +105
°
°F
*
221
-4 ./ +167
-4 / +212
-4 / +212
+14 / +248
+14 / +
Min. Fluid SG
0.
0.
0.
0.
7
777
0.7
Must close level (
=1)
mm
mm
mm
mm
SG
1
1
1
1
1mm
Must open level (
=1)
0mm
0mm
0mm
mm
SG
1
1
1
10
10mm
* ETFE cable needs to be selected in order to achieve the maximum temperature rating
Electrical Specification
25W (Y code)
100W (H code)
Contact Form
N/O (N/C)
N/O (N/C)
Switching Power Max
25
100
VA
Switching Voltage
Max
V
240
300
AC
Switching Voltage
Max
V
120
300
DC
Switching Current Max
A
0.6
1
All ratings are for resistive load only.
Standard Parts Material
Max Power
Leadouts
Gasket
Approvals
LLF43H100
Nylon
100
100cm
16/0.2
Nitrile
RF
VA
PVC
WRAS
LLF43Y100
Nylon
25
100cm
16/0.2
Nitrile
RF
VA
PVC
WRAS
LLF44H100
100
100cm
16/0.2
Nitrile
RF
PP
VA
PVC
WRAS
LLF44Y100
25
100cm
16/0.2
Nitrile
RF
PP
VA
PVC
WRAS
LLF46H100
25
100cm
16/0.2
Nitrile
&
RF
PPS
VA
PVC
WRAS
UL
LLF46Y100
25
100cm
16/0.2
Nitrile
&
RF
PPS
VA
PVC
WRAS
UL
LLF47Y100GF
25
100cm PTFE
PVDF
VA
7/0.2
Nitrile
UL
LLF47H100GF
100
100cm
PVDF
VA
PTFE 7/0.2
Nitrile
UL
LLF47Y100GG
PVDF
25VA
100cm PTFE 7/0.2
Viton
UL
LLF47H100GG
PVDF
100VA
100cm PTFE 7/0.2
Viton
UL
48H100
( )
100
100cm
16/0.2
Nitrile
LLF
RF
PP UL
VA
PVC
UL
48Y100
( )
100cm
16/0.2
Nitrile
LLF
RF
PP UL
VA
PVC
UL
25
43
Nylon
100
Nitrile
LLF HF
VA
WRAS
P
M12 connector
43
Nylon
25
Nitrile
LLF YF
VA
WRAS
P
M12 connector
44
100
Nitrile
LLF HF
PP
VA
WRAS
P
M12 connector
44
25
Nitrile
LLF YF
PP
VA
WRAS
P
M12 connector
46
100
&
LLF H
PPS
VA
WRAS
UL
FP
M12 connector
Nitrile
46
25
Nitrile
&
LLF YF
PPS
VA
WRAS
UL
P
M12 connector
LLF YFP
PVDF
VA
47
25
M12 connector
Nitrile
UL
47
100
M12 connector
LLF HFP
PVDF
VA
Nitrile
UL
LLF47YGP
PVDF
25VA
M12 connector
Viton
UL
LLF47HGP
PVDF
100VA
M12 connector
Viton
UL
48
( )
100
Nitrile
LLF HF
PP UL
VA
UL
P
M12 connector
48
( )
Nitrile
LLF YF
PP UL
VA
UL
P
25
M12 connector
The LLF40 series is designed as a compact internal
fitting device, with a wide range of options, making
this ideal for size sensitive applications. Mounting
of this series requires access to the inside of the
tank.
These devices are particularly suitable for detecting
low levels of liquids in the bottom of tanks and
containers, and for lower SG liquids. Typical
applications include vending machines, commercial
washing machines and evaporator units.
They are manufactured in a variety of materials with
a choice of gasket materials, to suit most commonly
used liquids.
The switch action may be reversed by rotating the
device through 180º.
Available with flying leads or M12 socket for
electrical connection. Cable sets with M12 plugs are
also available.
Custom versions can be made for particular
applications.
Made in the UK


Similar Part No. - LLF40

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
LLF CYNERGY3-LLF Datasheet
402Kb / 1P
Vertical Fast Lift Float switches
logo
Richco, Inc.
LLF-3 RICHCO-LLF-3 Datasheet
313Kb / 1P
LEG LEVELING FOOT
logo
LinkCom Manufacturing C...
LLF0097-50 LINKCOM-LLF0097-50 Datasheet
216Kb / 3P
Signal Chokes for Data and Telecom Applications
logo
Schneider Electric
LLF36400U31XRD12 SCHNEIDER-LLF36400U31XRD12 Datasheet
115Kb / 2P
Circuit breaker, PowerPact L, Micrologic 3.3, 400A, 3 poles, 600 V, 50 kA, 80% rated, rotary handle
Sep 25, 2020
LLF37060D33 SCHNEIDER-LLF37060D33 Datasheet
64Kb / 2P
Circuit breaker, PowerPact L, adjustable magnetic trip, 600A, 3 poles, 500 VDC, 50 kA
Sep 25, 2020
More results

Similar Description - LLF40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
Liquid level float switch
logo
Cynergy3 Co
RSF40 CYNERGY3-RSF40 Datasheet
369Kb / 1P
compact internal fitting
SSF211 CYNERGY3-SSF211 Datasheet
256Kb / 1P
horizontal stainless steel compact internal fitting
logo
Magnetrol International...
T10-5104-020 MAGNETROL-T10-5104-020 Datasheet
180Kb / 4P
T10 Float Level Switch
logo
Cynergy3 Co
RSF150 CYNERGY3-RSF150 Datasheet
59Kb / 1P
Compact internal fitting vertical
SSF22 CYNERGY3-SSF22 Datasheet
2Mb / 1P
Miniature internal fitting switch
RSF30 CYNERGY3-RSF30 Datasheet
267Kb / 1P
100VA Internal fitting switch
SSF217 CYNERGY3-SSF217 Datasheet
54Kb / 1P
Compact external fitting float switch via BSP thread
SSF23 CYNERGY3-SSF23 Datasheet
1Mb / 1P
M16 internal fitting switch
LLF70 CYNERGY3-LLF70 Datasheet
95Kb / 2P
Compact, External Fitting, Low Level, Low S.G. Float Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com